Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST92141 Fiches technique(PDF) 177 Page - STMicroelectronics

No de pièce ST92141
Description  8/16-BIT MCU FOR 3-PHASE AC MOTOR CONTROL
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92141 Fiches technique(HTML) 177 Page - STMicroelectronics

Back Button ST92141 Datasheet HTML 171Page - STMicroelectronics ST92141 Datasheet HTML 172Page - STMicroelectronics ST92141 Datasheet HTML 173Page - STMicroelectronics ST92141 Datasheet HTML 174Page - STMicroelectronics ST92141 Datasheet HTML 175Page - STMicroelectronics ST92141 Datasheet HTML 176Page - STMicroelectronics ST92141 Datasheet HTML 177Page - STMicroelectronics ST92141 Datasheet HTML 178Page - STMicroelectronics ST92141 Datasheet HTML 179Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 177 / 179 page
background image
177/179
ST92141 - GENERAL INFORMATION
STMicroelectronics OPTION LIST
ST92P141 MICROCONTROLLER FAMILY (FASTROM DEVICE)
Customer:
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Address:
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Contact:
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Phone No:
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference/FASTROM Code* :. . . . . . . . . . . . . .
*The FASTROM code name is assigned by STMicroelectronics.
STMicroelectronics reference:
Device (PSDIP32):
[ ] ST92P141K4B6/xxx*
Device (SO34):
[ ] ST92P141K4M6/xxx*
Conditioning:
[ ] Tube
[ ] Tape & Reel (not available for SDIP packages)
*xxx = FASTROM code name
Software Development:
[ ] STMicroelectronics
[ ] Customer
[ ] External laboratory
Special Marking:
[ ] No
[ ] Yes "_ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _"
For marking, one line is possible with maximum 10 characters for PSDIP32 and 16 characters
for SO34.
Authorized characters are letters, digits, ’.’, ’-’, ’/’ and spaces only.
We have checked the FASTROM code verification file returned to us by STMicroelectronics. It con-
forms exactly with the FASTROM code file orginally supplied. We therefore authorize STMicroelec-
tronics to proceed with device manufacture.
Signature
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Date
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More