| Moteur de recherche de fiches techniques de composants électroniques |
|
ST7SCR Fiches technique(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7SCR Fiches technique(HTML) 45 Page - STMicroelectronics |
|
45 / 102 page ![]() ST7SCR 45/102 USB INTERFACE (Cont’d) USB Endpoint RAM Buffers There are seven Endpoints including one bidirec- tional control Endpoint (Endpoint 0), five IN End- points (Endpoint 1, 2, 3, 4, 5) and one OUT end- point (Endpoint 2). Endpoint 0 is 2 x 8 bytes in size, Endpoint 1, 3, 4, and Endpoint 5 are 8 bytes in size and Endpoint 2 is 2 x 64 bytes in size . Figure 28. Endpoint Buffer Size Endpoint 2 Buffer OUT Endpoint 1 Buffer IN Endpoint 0 Buffer IN Endpoint 0 Buffer OUT Endpoint 2 Buffer IN 8 Bytes 8 Bytes 8 Bytes 64 Bytes 64 Bytes Endpoint 3 Buffer IN 8 Bytes Endpoint 5 Buffer IN Endpoint 4 Buffer IN 8 Bytes 8 Bytes 1 |