Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST72631K2M0 Fiches technique(PDF) 27 Page - STMicroelectronics

No de pièce ST72631K2M0
Description  LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72631K2M0 Fiches technique(HTML) 27 Page - STMicroelectronics

Back Button ST72631K2M0 Datasheet HTML 23Page - STMicroelectronics ST72631K2M0 Datasheet HTML 24Page - STMicroelectronics ST72631K2M0 Datasheet HTML 25Page - STMicroelectronics ST72631K2M0 Datasheet HTML 26Page - STMicroelectronics ST72631K2M0 Datasheet HTML 27Page - STMicroelectronics ST72631K2M0 Datasheet HTML 28Page - STMicroelectronics ST72631K2M0 Datasheet HTML 29Page - STMicroelectronics ST72631K2M0 Datasheet HTML 30Page - STMicroelectronics ST72631K2M0 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 109 page
background image
ST7263
27/109
I/O PORTS (Cont’d)
5.1.4 Port A
Table 9. Port A0, A3, A4, A5, A6, A7 Description
Figure 18. PA0, PA3, PA4, PA5, PA6, PA7 Configuration
PORT A
I / O
Alternate Function
Input*
Output
Signal
Condition
PA0
with pull-up
push-pull
MCO (Main Clock Output)
MCO = 1 (MISCR)
PA3
with pull-up
push-pull
Timer EXTCLK
CC1 =1
CC0 = 1 (Timer CR2)
PA4
with pull-up
push-pull
Timer ICAP1
IT1 Schmitt triggered input
IT1E = 1 (ITIFRE)
PA5
with pull-up
push-pull
Timer ICAP2
IT2 Schmitt triggered input
IT2E = 1 (ITIFRE)
PA6
with pull-up
push-pull
Timer OCMP1
OC1E = 1
IT3 Schmitt triggered input
IT3E = 1 (ITIFRE)
PA7
with pull-up
push-pull
Timer OCMP2
OC2E = 1
IT4 Schmitt triggered input
IT4E = 1 (ITIFRE)
*Reset State
DR
DDR
LATCH
LATCH
DR SEL
DDR SEL
VDD
PAD
ALTERNATE ENABLE
ALTERNATE ENABLE
ALTERNATE ENABLE
ALTERNATE
ALTERNATE INPUT
PULL-UP
OUTPUT
P-BUFFER
N-BUFFER
1
0
1
0
CMOS SCHMITT TRIGGER
VSS
VDD
DIODES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More