| Moteur de recherche de fiches techniques de composants électroniques |
|
ST72324 Fiches technique(PDF) 160 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72324 Fiches technique(HTML) 160 Page - STMicroelectronics |
|
160 / 161 page ![]() ST72324 160/161 16 SUMMARY OF CHANGES Revision Main Changes Date 1.7 Modified “ACTIVE-HALT AND HALT MODES” on page 42: wakeup from active halt by reset or MCC/RTC interrupt only Changed references to planned low voltage version to refer to flash only Reset pin IINJMAX for changed to 2 mA in Section 12.9.1 and Section 12.2 Updated ordering information Section 18.2 on page 230 Updated EMI data in “EMC CHARACTERISTICS” on page 130 Added “IMPORTANT NOTES” on page 157 Mar 03 1.8 Updated Errata sheet July 03 1.9 Changed document name from ST72324J/K to ST72324 Removed External RC option from Section 6.2 on page 24 and throughout document Added Caution ‘CSS function is not guaranteed’ to Section 6.4 on page 27 and Section 14.1 on page 149 Removed restrictions on PWM mode in 16-bit timer A. Added notes on Timer A IC2 and OC2 registers and interrupts in Table 2. and throughout Section 10.3 Modified description of internal RC oscillator in Section 6.2. Added note to “MULTI-OSCILLATOR (MO)” on page 24 External clock source not support- ed if PLL is enabled Added Caution about disconnecting OSC pins in Section 6.2 on page 24 Moved LVD startup behaviour diagram from Section 12.3.3 on page 117 to Section 15 Modified notes in table of Murata resonators in Section 12.5.3 Modified description of VAREF/VSSA pins in Section 12.12.1 on page 143 Added phrase “can be reprogrammed” in Section 4.3.1 on page 17 and Section 14.1 on page 149 Added heading “Related Documentation” on page 19 Updated “EMC CHARACTERISTICS” on page 130 Added FASTROM information to Section 14 on page 149 Added note under VD option bit table in Section 14.1 on page 149 Updated option list in Section 14.2 on page 151 Removed Errata sheet and put information in “IMPORTANT NOTES” on page 157 Please read carefully the “IMPORTANT NOTES” on page 157 August 03 1 |