| Moteur de recherche de fiches techniques de composants électroniques |
|
ST72141K2 Fiches technique(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72141K2 Fiches technique(HTML) 30 Page - STMicroelectronics |
|
30 / 132 page ![]() ST72141K 30/132 POWER SAVING MODES (Cont’d) 5.3 WAIT Mode WAIT mode places the MCU in a low power con- sumption mode by stopping the CPU. This power saving mode is selected by calling the “WFI” ST7 software instruction. All peripherals remain active. During WAIT mode, the I bit of the CC register are forced to 0, to ena- ble all interrupts. All other registers and memory remain unchanged. The MCU remains in WAIT mode until an interrupt or Reset occurs, whereup- on the Program Counter branches to the starting address of the interrupt or Reset service routine. The MCU will remain in WAIT mode until a Reset or an Interrupt occurs, causing it to wake up. Refer to Figure 22. 5.4 SLOW Mode This mode has two targets: – To reduce power consumption by decreasing the internal clock in the device, – To adapt the internal clock frequency (fCPU) to the available supply voltage. SLOW mode is controlled by the SMS bit in the MISCR register. This bit enables or disables Slow mode selecting the internal slow frequency (fCPU). In this mode, the oscillator frequency can be divid- ed by 32 instead of 2 in normal operating mode. The CPU and peripherals are clocked at this lower frequency except the Motor Control and the SPI peripherals which have their own clock selection bit (XT16) in the MISCR register. Figure 22. WAIT mode flow-chart WFI INSTRUCTION RESET INTERRUPT Y N N Y CPU OSCILLATOR PERIPHERALS I BIT ON ON 0 OFF if exit caused by a RESET, a 4096 CPU clock cycle delay is inserted. CPU OSCILLATOR PERIPHERALS ON OFF* OFF Note: * The peripheral clock is stopped only when exit caused by RESET and not by an interrupt. ** Before servicing an interrupt, the CC register is pushed on the stack. FETCH RESET VECTOR OR SERVICE INTERRUPT** CPU OSCILLATOR PERIPHERALS ON ON ON |