Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST72141K Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce ST72141K
Description  8-BIT MCU WITH ELECTRIC-MOTOR CONTROL, ADC, 16-BIT TIMERS, SPI INTERFACE
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72141K Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button ST72141K Datasheet HTML 20Page - STMicroelectronics ST72141K Datasheet HTML 21Page - STMicroelectronics ST72141K Datasheet HTML 22Page - STMicroelectronics ST72141K Datasheet HTML 23Page - STMicroelectronics ST72141K Datasheet HTML 24Page - STMicroelectronics ST72141K Datasheet HTML 25Page - STMicroelectronics ST72141K Datasheet HTML 26Page - STMicroelectronics ST72141K Datasheet HTML 27Page - STMicroelectronics ST72141K Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 132 page
background image
ST72141K
24/132
3.4 MAIN CLOCK CONTROLLER (MCC)
The MCC block supplies the clock for the ST7
CPU and its internal peripherals. It allows the
SLOW power saving mode and the Motor Contral
and SPI peripheral clocks to be managed inde-
pendently. The MCC functionality is controlled by
two bits of the MISCR register: SMS and XT16.
The XT16 bit acts on the clock of the motor control
and SPI peripherals while the SMS bit acts on the
CPU and the other peripherals.
Figure 17. Main Clock Controller (MCC) Block Diagram
DIV 2
SMS
-
-
CPU CLOCK
MISCR
TO CPU AND
PERIPHERALS
fOSC
fCPU
OSC2
OSC1
-
-
-
-
XT16
OSCILLATOR
MCC
DIV 16
4MHz
MOTOR CONTROL
PERIPHERAL
DIV 2
4MHz
SPI
PERIPHERAL
DIV 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More