| Moteur de recherche de fiches techniques de composants électroniques |
|
5KP24A Fiches technique(PDF) 2 Page - TAITRON Components Incorporated |
|
|
|||||||||||||||||||||||||||||
5KP24A Fiches technique(HTML) 2 Page - TAITRON Components Incorporated |
|
2 / 6 page ![]() 5000W Transient Voltage Suppressor Rev. C/AH 2008-02-25 5KP5.0A~180CA www.taitroncomponents.com Page 2 of 6 (2) Mounted on copper pad area of 0.8×0.8" (20×20mm) per Fig. 5 (3) Measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum Electrical Characteristics (T Ambient=25ºC unless noted otherwise) Breakdown Voltage @ IT P/N Stand-Off Voltage V BR Max. Clamping Vltg. @ IPPM Max. Peak Pulse Current Max. Reverse Leakage Current @ V WM Uni-Polar Bi-Polar (Note3) V WM (V) Min. Max. IT (mA) VC (V) IPPM (A) (Note1) ID ( μA) (Note1) 5KP5.0A 5KP5.0CA 5.0 6.4 7.00 9.2 544.0 5000 5KP6.0A 5KP6.0CA 6.0 6.67 7.37 10.3 486.0 5000 5KP6.5A 5KP6.5CA 6.5 7.22 7.98 11.2 477.0 2000 5KP7.0A 5KP7.0CA 7.0 7.78 8.60 50 12.0 417.0 1000 5KP7.5A 5KP7.5CA 7.5 8.33 9.21 12.9 388.0 250 5KP8.0A 5KP8.0CA 8.0 8.89 9.83 13.6 368.0 150 5KP8.5A 5KP8.5CA 8.5 9.44 10.4 14.4 348.0 50 5KP9.0A 5KP9.0CA 9.0 10.0 11.1 15.4 325.0 20 5KP10A 5KP10CA 10.0 11.1 12.3 17.0 295.0 15.0 5KP11A 5KP11CA 11.0 12.2 13.5 18.2 275.0 2.0 5KP12A 5KP12CA 12.0 13.3 14.7 19.9 252.0 2.0 5KP13A 5KP13CA 13.0 14.4 15.9 21.5 233.0 2.0 5KP14A 5KP14CA 14.0 15.6 17.2 23.2 216.0 2.0 5KP15A 5KP15CA 15.0 16.7 18.5 24.4 205.0 2.0 5KP16A 5KP16CA 16.0 17.8 19.7 26.0 193.0 2.0 5KP17A 5KP17CA 17.0 18.9 20.9 27.6 181.0 2.0 5KP18A 5KP18CA 18.0 20.0 22.1 29.2 172.0 2.0 5KP20A 5KP20CA 20.0 22.2 24.5 32.4 154.0 2.0 5KP22A 5KP22CA 22.0 24.4 26.9 35.5 141.0 2.0 5KP24A 5KP24CA 24.0 26.7 29.5 38.9 129.0 2.0 5KP26A 5KP26CA 26.0 28.9 31.9 42.1 119.0 2.0 5KP28A 5KP28CA 28.0 31.1 34.4 45.4 110.0 2.0 5KP30A 5KP30CA 30.0 33.3 36.8 48.4 103.0 2.0 5KP33A 5KP33CA 33.0 36.7 40.6 5.0 53.3 93.9 2.0 |