Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST63T142B1 Fiches technique(PDF) 85 Page - STMicroelectronics

No de pièce ST63T142B1
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY & VOLTAGE SYNTHESIS WITH OSD
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST63T142B1 Fiches technique(HTML) 85 Page - STMicroelectronics

Back Button ST63T142B1 Datasheet HTML 78Page - STMicroelectronics ST63T142B1 Datasheet HTML 79Page - STMicroelectronics ST63T142B1 Datasheet HTML 80Page - STMicroelectronics ST63T142B1 Datasheet HTML 81Page - STMicroelectronics ST63T142B1 Datasheet HTML 82Page - STMicroelectronics ST63T142B1 Datasheet HTML 83Page - STMicroelectronics ST63T142B1 Datasheet HTML 84Page - STMicroelectronics ST63T142B1 Datasheet HTML 85Page - STMicroelectronics ST63T142B1 Datasheet HTML 86Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 85 / 86 page
background image
ST63E1xx/T1xx MICROCONTROLLER OPTION LIST
Customer:
. ..... . . . ... . . .. . . .. . . ... ........ .... .... ..... ... . . ... .
Address:
. . . . . . . . . . . . . . . ..... .... .... . . . ..... ... . . .. . . .. . . ... . . .
Contact:
. . . ....... .... ..... ... . . .. . . .. . ... .... . . .. .. . . . . . . . . . ..
Phone No:
. . . . . . . . . . . . . . . . . . .... .... .... . . . . ... ..... .... .... . . . . .
Reference:
.... ... . . . . .... .... . . . . . .... .. .. . . . . . . .. ... ..... .... . . .
Device
[ ] ST63E140
[ ] ST63E142 [ ] ST63E126 [ ] ST63E156
[ ] ST63T140
[ ] ST63T142
[ ] ST63T126
[ ] ST63T156
Temperature Range
0 to 70
°C
For marking one line with 10 characters maximum is possible
Special Marking
[ ] No
[ ] Yes Line1 “ _ _ _ _ ______ ”
Letters, digits, ’
. ’, ’ - ’, ’ / ’ and spaces only
the default marking is equivalent to the sales type only (part number).
CHECK LIST:
YES
NO
OSD Code: ODD & EVEN
[ ]
[ ]
EEPROM Code (if Desired)
[ ]
[ ]
Signature ...................................
Date ...........................................
®
ST63E140,E142,E126,E156, T140,T142,T126,T156
81/82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86