Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST52T400F0M6 Fiches technique(PDF) 89 Page - STMicroelectronics

No de pièce ST52T400F0M6
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T400F0M6 Fiches technique(HTML) 89 Page - STMicroelectronics

Back Button ST52T400F0M6 Datasheet HTML 85Page - STMicroelectronics ST52T400F0M6 Datasheet HTML 86Page - STMicroelectronics ST52T400F0M6 Datasheet HTML 87Page - STMicroelectronics ST52T400F0M6 Datasheet HTML 88Page - STMicroelectronics ST52T400F0M6 Datasheet HTML 89Page - STMicroelectronics ST52T400F0M6 Datasheet HTML 90Page - STMicroelectronics ST52T400F0M6 Datasheet HTML 91Page - STMicroelectronics ST52T400F0M6 Datasheet HTML 92Page - STMicroelectronics ST52T400F0M6 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 94 page
background image
ST52T400/T440/E440/T441
89/94
Table 11.21 DIP20 PACKAGE MECHANICAL DATA
DIM
mm
inch.
MIN
TYP.
MAX
MIN
TYP.
MAX
a1
0.508
0.020
B
1.39
1.65
0.055
0.065
b
0.45
0.018
b1
0.25
0.010
D
25.4
1.000
E
8.5
0.335
e
2.54
0.100
e3
22.86
0.900
F
7.1
0.279
I
3.93
0.155
L
3.3
0.130
Z
1.34
0.053



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94