Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N5089 Fiches technique(PDF) 3 Page - TAITRON Components Incorporated

No de pièce 2N5089
Description  SMALL SIGNAL GENERAL PURPOSE TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAITRON [TAITRON Components Incorporated]
Site Internet  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

2N5089 Fiches technique(HTML) 3 Page - TAITRON Components Incorporated

  2N5089 Datasheet HTML 1Page - TAITRON Components Incorporated 2N5089 Datasheet HTML 2Page - TAITRON Components Incorporated 2N5089 Datasheet HTML 3Page - TAITRON Components Incorporated 2N5089 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NPN Small Signal General Purpose Transistors
2N5089
Rev. A/WW
Rev. A/WW
www.taitroncomponents.com
Page 3 of 4
Package Dimensions
INCHS
MILLIMETERS
DIM
MIN
MAX
MIN
MAX
A
0.170
0.210
4.32
5.33
B
0.175
0.205
4.45
5.20
C
0.125
0.165
3.18
4.19
D
0.017
0.023
0.41
0.55
E
0.014
0.020
0.35
0.5
G
0.045
0.055
1.14
1.4
J
0.135
--
3.43
--
K
0.500
--
12.70
--
N
0.080
0.105
2.04
2.66
J



Html Pages

1 2 3 4