| Moteur de recherche de fiches techniques de composants électroniques |
|
ST6393 Fiches technique(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6393 Fiches technique(HTML) 36 Page - STMicroelectronics |
|
36 / 68 page ![]() HWDR Hardware Activated Watchdog Register (D8h, Read/ Write) D7 D6 D5 D4 D3 D2 D1 D0 C = Watchdog Activation Bit SR = Software Reset Bit T1-T6 = Counter Bits Figure 39. Watchdog Register HARDWARE ACTIVATED DIGITAL WATCHDOG FUNCTION (Continued) T1-T6. These are the watchdog counter bits. It should be noted that D7 (T1) is the LSB of the counter and D2 (T6) is the MSB of the counter, these bits are in the opposite order to normal. SR. This bit is set to one during the reset phase and will generate a software reset if cleared to zero. C. This is the watchdog activation bit that is hard- ware set. The watchdog function is always acti- vated independently of changes of value of this bit. The register reset value is FEh (Bit 1-7 set to one, Bit 0 cleared). SERIAL PERIPHERAL INTERFACE The ST639x Serial Peripheral Interface (SPI) has been designed to be cost effective and flexible in interfacing the various peripherals in TV applica- tions. It maintains the software flexibility but adds hard- ware configurations suitable to drive devices which require a fast exchange of data. The three pins dedicated for serial data transfer (single master only) can operate in the following ways: - as standard I/O lines (software configuration) - as S-BUS or as I 2CBUS (two pins) - as standard (shift register) SPI When using the hardware SPI, a fixed clock rate of 62.5kHz is provided. It has to be noted that the first bit that is output on the data line by the 8-bit shift register is the MSB. SPI Data/Control Registers For I/O details on SCL (Serial Clock), SDA (Serial Data) and SEN (Serial Enable) please refer to I/O Ports description with reference to the following registers: Port C data register, Address C2h (Read/Write). - BIT D0 “SCL” - BIT D1 “SDA” - BIT D3 “SEN” Port C data direction register, Address C6h (Read/Write). SSDR SPI Serial Data Register (CCh, Read/ Write) D7 D6 D5 D4 D3 D2 D1 D0 D0-D7 = Data Bits Figure 40. SPI Serial Data Register D7-D0. These are the SPI data bits. They can be neither read nor written when SPI is operating (BUSY bit set). They are undefined after reset. ® ST6391,92,93,95,97,99 32/64 |