| Moteur de recherche de fiches techniques de composants électroniques |
|
ST6375 Fiches technique(PDF) 81 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6375 Fiches technique(HTML) 81 Page - STMicroelectronics |
|
81 / 84 page ![]() 81/84 ST63E85, T85 ST63E87, T87 3 GENERAL INFORMATION 3.1 ORDERING INFORMATION The following chapter deals with the procedure for transfer the Program/Data ROM codes to SGS- THOMSON. Communication of the ROM Codes. To commu- nicate the contents of Program/Data ROM memo- ries to SGS-THOMSON, the customer must send: – one file in INTEL INTELLEC 8/MDS FORMAT (either as an EPROM or as a MS-DOS diskette) for the PROGRAM Memory; – one file in INTEL INTELLEC 8/MDS FORMAT (either as an EPROM or as a MS-DOS diskette) for the EEPROM initial content (this file is option- al). The program ROM should respect the ROM Mem- ory Map as in Table 4. The ROM code must be generated with an ST6 assembler. Before programming the EPROM, the EPROM programmer buffer must be filled with FFh. For shipment to SGS-THOMSON, the master EPROMs should be placed in a conductive IC car- rier and packed carefully. 3.2 CUSTOMER EEPROM INITIAL CONTENTS: FORMAT a. The content should be written into an INTEL INTELLEC format file. b In the case of 384 bytes of EEPROM, the start- ing address is 000h and the end address is 7Fh. The order of the pages (64 bytes each) is an in the specification (i.e. b7, b1 b0: 001, 010, 011, 101, 110. 111). c. Undefined or don't care bytes should have the content FFh. 3.3 OSD TEST CHARACTER IN ORDER TO ALLOW THE TESTING OF THE ON-CHIP OSD MACROCELL THE FOLLOWING CHARACTER MUST BE PROVIDED AT THE FIXED 3Fh (63) POSITION OF THE SECOND OSD BANK. Listing Generation & Verification. When SGS-THOMSON receives the files, a computer listing is generated from them. This listing refers extractly to the mask that will be used to produce the microcontroller. Then the listing is returned to the customer that must thoroughly check, com- plete, sign and return it to SGS-THOMSON. The signed list constitutes a part of the contractual agreement for the creation of the customer mask. SGS-THOMSON sales organization will provide detailed information on contractual points. Figure 5. OSD Test Character |