| Moteur de recherche de fiches techniques de composants électroniques |
|
ST6373 Fiches technique(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6373 Fiches technique(HTML) 61 Page - STMicroelectronics |
|
61 / 64 page ![]() ST6373 61/64 7 GENERAL INFORMATION 7.1 PACKAGE MECHANICAL DATA Figure 34. ST6373 and ST63T73 42-Pin Plastic Shrink Dual-In-Line Package Figure 35. ST63E73 42-Pin Ceramic Shrink Dual-In-Line Package Dim. mm inches Min Typ Max Min Typ Max A 5.08 0.000 0.000 0.200 A1 0.51 0.000 0.020 0.000 A2 3.05 3.81 4.57 0.150 0.120 0.180 B 0.38 0.46 0.56 0.018 0.015 0.022 B1 0.89 1.02 1.14 0.040 0.035 0.045 C 0.23 0.25 0.38 0.010 0.009 0.015 D 36.58 36.83 37.08 1.450 1.440 1.460 e3 ------ E1 15.24 16.00 0.000 0.600 0.630 e 1.78 0.070 0.000 0.000 eA 15.24 0.600 0.000 0.000 eB 18.54 0.000 0.000 0.730 G 12.70 13.72 14.48 0.540 0.500 0.570 K1 ------ K2 ------ L 2.54 3.30 3.56 0.130 0.100 0.140 Number of Pins N 42 1 N B D VR0 1725F N/2 B 1 e A L See Lead Detail K 1 K 2 E 1 e 3 e B e A G A 2 A 1 Dim. mm inches Min Typ Max Min Typ Max A 4.5 0.177 A1 1.27 0.050 B 0.45 0.018 B1 0.89 0.035 C 0.25 0.010 D 37.3 1.470 E 15.49 0.610 E1 14.98 0.590 K -- L 3.2 0.125 e1 1.78 0.070 Number of Pins N 42 |