| Moteur de recherche de fiches techniques de composants électroniques |
|
ST6255CM1 Fiches technique(PDF) 85 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6255CM1 Fiches technique(HTML) 85 Page - STMicroelectronics |
|
85 / 86 page ![]() 85/86 ST6255C ST6265B ST6255C and ST6265B MICROCONTROLLER OPTION LIST Customer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Address . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ... . . . . ... .. ... .. .. ... .. . ... . Contact . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Phone No . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Reference . . . . . . . . . . . . . . . . . . . . . . . . . . . . . STMicroelectronics references Device: [ ] ST6255C [ ] ST6265B Package: [ ] Dual in Line Plastic [ ] Small Outline Plastic with condionning: [ ] Standard (Stick) [ ] Tape & Reel [ ] Shrink Small Outline Plastic Temperature Range: [ ] 0 °Cto+ 70°C[ ] - 40°Cto + 85°C[ ] - 40°C to + 125°C Special Marking: [ ] No [ ] Yes ”_ _ _ _ _ _ _ _ _ _ _ ” Authorized characters are letters, digits, ’.’, ’-’, ’/’ and spaces only. Maximum character count: DIP28: 10 SO28: 8 Oscillator Source Selection: [ ] Crystal Quartz/Ceramic resonator [ ] RC Network Watchdog Selection: [ ] Software Activation (STOP mode available) [ ] Hardware Activation (no STOP mode) Power on Reset Delay [ ] 32768 cycle delay [ ] 2048 cycle delay PB0..PB1 Pull-Up at RESET [ ] Enabled [ ] Disabled PB2..PB3 Pull-Up at RESET [ ] Enabled [ ] Disabled ROM Readout Protection: [ ] Standard (Fuse cannot be blown) [ ] Enabled (Fuse can be blown by the customer) Note: No part is delivered with protected ROM. The fuse must be blown for protection to be effective. External STOP Mode Control [ ] Enabled [ ] Disabled LVD Reset* [ ] Enabled [ ] Disabled ADC Synchro* [ ] Enabled [ ] Disabled Oscillator Safe Guard* [ ] Enabled [ ] Disabled *ST6255C only Comments : Supply Operating Range in the application: Oscillator Fequency in the application: Notes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Signature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Date . . . . . . . . . . . . . . . . . . . . . . . . . . . . . |