| Moteur de recherche de fiches techniques de composants électroniques |
|
ST6367 Fiches technique(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6367 Fiches technique(HTML) 39 Page - STMicroelectronics |
|
39 / 84 page ![]() 39/84 ST6365, ST6375, ST6385 ST6367, ST6377, ST6387 SERIAL PERIPHERAL INTERFACE (Cont’d) 4.3.3 Compatibility S-BUS/I2C BUS Using the S-BUS protocol it is possible to imple- ment mixed system including S-BUS/I 2C BUS bus peripherals. In order to have the compatibility with the I 2C BUS peripherals, the devices including the S-BUS interface must have their SDA and SEN pins connected together as shown in the following Figure 27 (a and b). It is also possible to use mixed S-BUS/I 2C BUS protocols as showed in Figure 27 (c). S-BUS peripherals will only react to S-BUS protocol signals, while I2C BUS peripherals will only react to I 2C BUS signals. Multimaster config- uration is not possible with the ST63xx SPI (single master only). Figure 27. S-BUS/ I2C BUS Mixed Configurations SCL SDA SEN ST6 S-BUS PROTOCOL SCL SDA SEN I2C-BUS SLAVE SCL SDA SCL SDA SEN ST6 I2C-BUS PROTOCOL SCL SDA SEN I2C-BUS SLAVE SCL SDA SCL SDA SEN ST6 PROTOCOL SCL SDA SEN I2C-BUS SLAVE SCL SDA S-BUS/I2C-BUS VA00457 VA00456 VA00452 a b c |