| Moteur de recherche de fiches techniques de composants électroniques |
|
ST62T42 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62T42 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 3 page ![]() October 2000 1/3 This is advance information from STMicroelectronics. Details are subject to change without notice. ST62Exx-EPB EPROM PROGRAMMING BOARDS FOR ST62 MCU FAMILY HARDWARE FEATURES s Programs the ST62Exx EPROM and OTP MCUs s Standalone and Remote modes s All packages supported (except SSOP) SOFTWARE FEATURES s Windows 95, 98, NT software s S19 or INTEL hex file formats DESCRIPTION Different programming boards are designed for programming the various EPROM and OTP devic- es of the ST62 microcontroller family. For a partic- ular device, all available packages (except SSOP) are supported by the same programming board. It can run either in standalone or remote mode (connected to a PC). In standalone mode, the microcontrollers can be programmed by simply pressing a key to start cop- ying the code from a master EPROM device or a master microcontroller. Two-color LEDs indicate if the operation has passed or failed. In standalone mode an EPROM memory or a master MCU is plugged into the programming board. The code from the EPROM or the master MCU is read and programmed into the ST62 EPROM or OTP device. Both VERIFY and BLANK CHECK functions are provided. In remote mode, the programming board is con- nected to a PC through an RS232 serial channel or a parallel port. Object code in either S19 or IN- TEL HEX format is read from disk file to program the ST62 EPROM or OTP device. The Windows software also offers VERIFY, BLANK CHECK, READ MASTER functions. The software allows various user friendly facilities, such as re-instating the same programming session, user selectable programming steps; it also allows serial number- ing with auto-incrementation. 643 |
Numéro de pièce similaire - ST62T42 |
|
Description similaire - ST62T42 |