| Moteur de recherche de fiches techniques de composants électroniques |
|
ST6255CB1 Fiches technique(PDF) 86 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6255CB1 Fiches technique(HTML) 86 Page - STMicroelectronics |
|
86 / 86 page ![]() 86/86 ST6255C ST6265B 1.3 ORDERING INFORMATION The following section deals with the procedure for transfer of customer codes to STMicroelectronics. 1.3.1 Transfer of Customer Code Customer code is made up of the ROM contents and the list of the selected mask options. The ROM contents are to be sent on diskette, or by electronic means, with the hexadecimal file gener- ated by the development tool. All unused bytes must be set to FFh. The selected mask options are communicated to STMicroelectronics using the correctly filled OP- TION LIST appended. 1.3.2 Listing Generation and Verification When STMicroelectronics receives the user’s ROM contents, a computer listing is generated from it. This listing refers exactly to the mask which will be used to produce the specified MCU. The listing is then returned to the customer who must thoroughly check, complete, sign and return it to STMicroelectronics. The signed listing forms a part of the contractual agreement for the creation of the specific customer mask. The STMicroelectronics Sales Organization will be pleased to provide detailed information on con- tractual points. Table 1. ROM Memory Map for ST6255C/65B Table 2. ROM version Ordering Information Information furnished is believed to be accurate and reliable. However, STMi croelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as criti cal components in life support devices or systems without the express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics ©1999 STMicroelectronics - All Rights Reserved. Purchase of I2C Components by STMicroelectronics conveys a license under the Philips I2C Patent. Rights to use these components in an I2C system is granted provided that the system conforms to the I2C Standard Specification as defined by Philips. STMi croelectronics Group of Companies Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco - Singapore - Spain Sweden - Switzerland - United Kingdom - U.S.A. http:// www.st.com Device Address Descriptio n 0000h-007Fh 0080h-0F9Fh 0FA0h-0FEFh 0FF0h-0FF7h 0FF8h-0FFBh 0FFCh-0FFDh 0FFEh-0FFFh Reserved User ROM Reserved Interrupt Vectors Reserved NMI Interrupt Vector Reset Vector Sales Type ROM EEPROM (Bytes) Temperature Range Package ST6255CB1/XXX ST6255CB6/XXX ST6255CB3/XXX 3884 Bytes None 0to+70 °C -40 to + 85 °C -40 to + 125 °C PDIP28 ST6255CM1/XXX ST6255CM6/XXX ST6255CM3/XXX 0to+70 °C -40 to + 85 °C -40 to + 125 °C PSO28 ST6255CN1/XXX ST6255CN6/XXX ST6255CN3/XXX 0to+70 °C -40 to + 85 °C -40 to + 125 °C SSOP28 ST6265BB1/XXX ST6265BB6/XXX ST6265BB3/XXX 128 0to+70 °C -40 to + 85 °C -40 to + 125 °C PDIP28 ST6265BM1/XXX ST6265BM6/XXX ST6265BM3/XXX 0to+70 °C -40 to + 85 °C -40 to + 125 °C PSO28 ST6265BN1/XXX ST6265BN6/XXX ST6265BN3/XXX 0to+70 °C -40 to + 85 °C -40 to + 125 °C SSOP28 |