Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST52T400F3B6 Fiches technique(PDF) 91 Page - STMicroelectronics

No de pièce ST52T400F3B6
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T400F3B6 Fiches technique(HTML) 91 Page - STMicroelectronics

Back Button ST52T400F3B6 Datasheet HTML 86Page - STMicroelectronics ST52T400F3B6 Datasheet HTML 87Page - STMicroelectronics ST52T400F3B6 Datasheet HTML 88Page - STMicroelectronics ST52T400F3B6 Datasheet HTML 89Page - STMicroelectronics ST52T400F3B6 Datasheet HTML 90Page - STMicroelectronics ST52T400F3B6 Datasheet HTML 91Page - STMicroelectronics ST52T400F3B6 Datasheet HTML 92Page - STMicroelectronics ST52T400F3B6 Datasheet HTML 93Page - STMicroelectronics ST52T400F3B6 Datasheet HTML 94Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 91 / 94 page
background image
ST52T400/T440/E440/T441
91/94
Table 11.23 CDIP20W PACKAGE MECHANICAL DATA
DIM
mm
inch.
MIN
TYP.
MAX
MIN
TYP.
MAX
A
3.63
0.143
A1
0.38
0.015
B
3.56
0.46
0.56
0.140
0.018
0.022
B1
1.14
12.70
1.78
0.045
0.500
0.070
C
0.20
0.25
0.36
0.008
0.010
0.014
D
24.89
25.40
25.91
0.980
1.000
1.020
D1
22.86
0.900
E1
6.99
7.49
8.00
0.275
0.295
0.315
e
2.54
0.100
G
6.35
6.60
6.86
0.250
0.260
0.270
G1
9.47
9.73
9.98
0.373
0.383
0.393
G2
1.14
0.045
L
2.92
3.30
3.81
0.115
0.130
0.150
S
12.70
0.500
∅
4.22
0.166
Ν
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94