| Moteur de recherche de fiches techniques de composants électroniques |
|
ST62T85B Fiches technique(PDF) 72 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62T85B Fiches technique(HTML) 72 Page - STMicroelectronics |
|
72 / 76 page ![]() 72/76 ST62T85B/E85B GENERAL INFORMATION (Cont’d) 7.2 PACKAGE THERMAL CHARACTERISTIC 7.3 .ORDERING INFORMATION Table 29. OTP/EPROM VERSION ORDERING INFORMATION Symbol Parameter Test Conditions Value Unit Min. Typ. Max. RthJA Thermal Resistance PQFP80 70 °C/W CQFP80W 70 Sales Type Program Memory (Bytes) I/O Temperature Range Package ST62E85BG1 7948 (EPROM) 12 0to 70 °C CQFP80W ST62T85BQ6 7948 (OTP) -40 to 85 °C PQFP80 72 |