| Moteur de recherche de fiches techniques de composants électroniques |
|
ST6201CM3 Fiches technique(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6201CM3 Fiches technique(HTML) 42 Page - STMicroelectronics |
|
42 / 70 page ![]() 42/70 ST62T00C/T01C ST62T03C/E01C 5 SOFTWARE 5.1 ST6 ARCHITECTURE The ST6 software has been designed to fully use the hardware in the most efficient way possible while keeping byte usage to a minimum; in short, to provide byte efficient programming capability. The ST6 core has the ability to set or clear any register or RAM location bit of the Data space with a single instruction. Furthermore, the program may branch to a selected address depending on the status of any bit of the Data space. The carry bit is stored with the value of the bit when the SET or RES instruction is processed. 5.2 ADDRESSING MODES The ST6 core offers nine addressing modes, which are described in the following paragraphs. Three different address spaces are available: Pro- gram space, Data space, and Stack space. Pro- gram space contains the instructions which are to be executed, plus the data for immediate mode in- structions. Data space contains the Accumulator, the X,Y,V and W registers, peripheral and Input/ Output registers, the RAM locations and Data ROM locations (for storage of tables and con- stants). Stack space contains six 12-bit RAM cells used to stack the return addresses for subroutines and interrupts. Immediate. In the immediate addressing mode, the operand of the instruction follows the opcode location. As the operand is a ROM byte, the imme- diate addressing mode is used to access con- stants which do not change during program execu- tion (e.g., a constant used to initialize a loop coun- ter). Direct. In the direct addressing mode, the address of the byte which is processed by the instruction is stored in the location which follows the opcode. Di- rect addressing allows the user to directly address the 256 bytes in Data Space memory with a single two-byte instruction. Short Direct. The core can address the four RAM registers X,Y,V,W (locations 80h, 81h, 82h, 83h) in the short-direct addressing mode. In this case, the instruction is only one byte and the selection of the location to be processed is contained in the op- code. Short direct addressing is a subset of the di- rect addressing mode. (Note that 80h and 81h are also indirect registers). Extended. In the extended addressing mode, the 12-bit address needed to define the instruction is obtained by concatenating the four less significant bits of the opcode with the byte following the op- code. The instructions (JP, CALL) which use the extended addressing mode are able to branch to any address of the 4K bytes Program space. An extended addressing mode instruction is two- byte long. Program Counter Relative. The relative address- ing mode is only used in conditional branch in- structions. The instruction is used to perform a test and, if the condition is true, a branch with a span of -15 to +16 locations around the address of the rel- ative instruction. If the condition is not true, the in- struction which follows the relative instruction is executed. The relative addressing mode instruc- tion is one-byte long. The opcode is obtained in adding the three most significant bits which char- acterize the kind of the test, one bit which deter- mines whether the branch is a forward (when it is 0) or backward (when it is 1) branch and the four less significant bits which give the span of the branch (0h to Fh) which must be added or sub- tracted to the address of the relative instruction to obtain the address of the branch. Bit Direct. In the bit direct addressing mode, the bit to be set or cleared is part of the opcode, and the byte following the opcode points to the ad- dress of the byte in which the specified bit must be set or cleared. Thus, any bit in the 256 locations of Data space memory can be set or cleared. Bit Test & Branch. The bit test and branch ad- dressing mode is a combination of direct address- ing and relative addressing. The bit test and branch instruction is three-byte long. The bit iden- tification and the tested condition are included in the opcode byte. The address of the byte to be tested follows immediately the opcode in the Pro- gram space. The third byte is the jump displace- ment, which is in the range of -127 to +128. This displacement can be determined using a label, which is converted by the assembler. Indirect. In the indirect addressing mode, the byte processed by the register-indirect instruction is at the address pointed by the content of one of the in- direct registers, X or Y (80h,81h). The indirect reg- ister is selected by the bit 4 of the opcode. A regis- ter indirect instruction is one byte long. Inherent. In the inherent addressing mode, all the information necessary to execute the instruction is contained in the opcode. These instructions are one byte long. 42 |