| Moteur de recherche de fiches techniques de composants électroniques |
|
ST62T42B Fiches technique(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62T42B Fiches technique(HTML) 63 Page - STMicroelectronics |
|
63 / 68 page ![]() 63/68 ST62T42B/E42B 8.2 PACKAGE THERMAL CHARACTERISTIC 8.3 ORDERING INFORMATION Table 28. OTP/EPROM VERSION ORDERING INFORMATION Symbol Parameter Test Conditions Value Unit Min. Typ. Max. RthJA Thermal Resistance PQFP64 70 °C/W CQFP64W 70 Sales Type Program Memory (Bytes) I/O Temperature Range Package ST62E42BG1 7948 (EPROM) 10 to18 0to 70 °C CQFP64W ST62T42BQ6 7948 (OTP) -40 to 85 °C PQFP64 63 |