| Moteur de recherche de fiches techniques de composants électroniques |
|
ST62T35B Fiches technique(PDF) 73 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62T35B Fiches technique(HTML) 73 Page - STMicroelectronics |
|
73 / 82 page ![]() 73/82 ST62T35B/E35B THERMAL CHARACTERISTIC 7.2 ORDERING INFORMATION Table 25. OTP/EPROM VERSION ORDERING INFORMATION Symbol Parameter Test Conditions Value Unit Min. Typ. Max. RthJA Thermal Resistance CQFP52W 70 °C/W QFP52 70 Sales Type Program Memory (Bytes) I/O Temperature Range Package ST62E35BG1 7948 (EPROM) 36 0to 70 °C CQFP52W ST62T35BQ6 ST62T35BQ3 7948 (OTP) -40 to 85 °C -40 to 125 °C PQFP52 1 |