| Moteur de recherche de fiches techniques de composants électroniques |
|
ST62T08 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62T08 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 2 page ![]() August 1998 1/2 This is advance information from STMicroelectronics. Details are subject to change without notice. ST62Exx-GP GANG PROGRAMMERS FOR ST62 MCU FAMILY HARDWARE FEATURES s Programs simultaneously up to 10 ST62Exx EPROM and OTP MCUs s Standalone and PC driven modes s DIP and SO packages supported SOFTWARE FEATURES s Windows based software s S19 or INTEL hex file format DESCRIPTION The ST62 gang programmers are designed for programming up to 10 EPROM or OTP devices. It can run either in standalone or remote mode un- der control of a Windows compatible PC. In standalone mode, the target ST62 MCUs are programmed with a simple key operation directly from a master EPROM memory or from a master EPROM MCU. Two color LEDs indicate for each target device the operational pass or fail. Both VERIFY and BLANK CHECK functions are pro- vided. In Remote mode, the gang programmer is con- nected to a PC through an RS232 serial channel. Object code in either S19 or INTEL HEX format is read from disk files to program the target devices. The Windows software also offers VERIFY, BLANK CHECK, READ master and other utility functions. The software allows various user friend- ly facilities, such as re-instating the same pro- gramming session, user selectable programming steps. The gang programmer is made up of a two parts, a base unit common to all ST62XX devices and a dedicated package adaptator. 747 |
Numéro de pièce similaire - ST62T08 |
|
Description similaire - ST62T08 |