Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST5R25MTR Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce ST5R25MTR
Description  MICROPOWER VFM STEP-UP DC/DC CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5R25MTR Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button ST5R25MTR Datasheet HTML 7Page - STMicroelectronics ST5R25MTR Datasheet HTML 8Page - STMicroelectronics ST5R25MTR Datasheet HTML 9Page - STMicroelectronics ST5R25MTR Datasheet HTML 10Page - STMicroelectronics ST5R25MTR Datasheet HTML 11Page - STMicroelectronics ST5R25MTR Datasheet HTML 12Page - STMicroelectronics ST5R25MTR Datasheet HTML 13Page - STMicroelectronics ST5R25MTR Datasheet HTML 14Page - STMicroelectronics ST5R25MTR Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
ST5R00 SERIES
12/15
DIM.
mm.
mils
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
0.90
1.45
35.4
57.1
A1
0.00
0.10
0.0
3.9
A2
0.90
1.30
35.4
51.2
b
0.35
0.50
13.7
19.7
C
0.09
0.20
3.5
7.8
D
2.80
3.00
110.2
118.1
E
1.50
1.75
59.0
68.8
e0.95
37.4
H
2.60
3.00
102.3
118.1
L
0.10
0.60
3.9
23.6
SOT23-5L MECHANICAL DATA
7049676C
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15