| Moteur de recherche de fiches techniques de composants électroniques |
|
STR91XFAX46 Fiches technique(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR91XFAX46 Fiches technique(HTML) 11 Page - STMicroelectronics |
|
11 / 101 page ![]() STR91xFAx3x, STR91xFAx4x Device summary 11/101 2 Device summary Table 2. Device summary Part Number Flash KB RAM KB Major Peripherals Package STR910FAM32 256+32 64 CAN, 40 I/Os LQFP80, 12x12 mm STR910FAW32 256+32 64 CAN, EMI, 80 I/Os LQFP128, 14x14 mm STR910FAZ32 256+32 64 CAN, EMI, 80 I/Os LFBGA144 10 x 10 x 1.7 STR911FAM42 256+32 96 USB, CAN, 40 I/Os LQFP80, 12x12mm STR911FAM44 512+32 96 STR911FAM46 1024+128 96 USB, CAN, 40 I/Os LQFP80, 12x12mm STR911FAM47 2048+128 96 STR911FAW42 256+32 96 USB, CAN, EMI, 80 I/Os LQFP128, 14x14mm STR911FAW44 512+32 96 STR911FAW46 1024+128 96 USB, CAN, EMI, 80 I/Os LQFP128, 14x14mm STR911FAW47 2048+128 96 STR912FAW32 256+32 64 Ethernet, USB, CAN, EMI, 80 I/Os LQFP128 STR912FAW42 256+32 96 Ethernet, USB, CAN, EMI, 80 I/Os LQFP128 STR912FAW44 512+32 96 STR912FAW46 1024+128 96 Ethernet, USB, CAN, EMI, 80 I/Os LQFP128 STR912FAW47 2048+128 96 STR912FAZ42 256+32 96 Ethernet, USB, CAN, EMI, 80 I/Os LFBGA144 10 x 10 x 1.7 STR912FAZ44 512+32 96 STR912FAZ46 1024+128 96 Ethernet, USB, CAN, EMI, 80 I/Os LFBGA144 10 x 10 x 1.7 STR912FAZ47 2048+128 96 |