| Moteur de recherche de fiches techniques de composants électroniques |
|
STR910FAW32 Fiches technique(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR910FAW32 Fiches technique(HTML) 42 Page - STMicroelectronics |
|
42 / 101 page ![]() Pin description STR91xFAx3x, STR91xFAx4x 42/101 5 Pin description Figure 7. STR91xFAM 80-pin package pinout 1. NU (Not Used) on STR910FAM devices. Pin 59 is not connected, pin 60 must be pulled up by a 1.5Kohm resistor to VDDQ. 2. No USBCLK function on STR910FAM devices. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 P4.3 P4.2 P4.1 P4.0 VSS_VSSQ VDDQ P2.0 P2.1 P5.0 VSS VDD P5.1 P6.2 P6.3 VDDQ VSSQ P5.2 P5.3 P6.0 P6.1 USBDP (1) USBDN (1) P6.7 P6.6 RESET_INn VSSQ VDDQ P6.5 P6.4 VSS VDD P5.7 P5.6 P5.5 VDDQ VSSQ P5.4 P3.7 P3.6 P3.5 80-pin LQFP STR91xFAM |