Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STR91XFAX3X Fiches technique(PDF) 97 Page - STMicroelectronics

No de pièce STR91XFAX3X
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR91XFAX3X Fiches technique(HTML) 97 Page - STMicroelectronics

Back Button STR91XFAX3X Datasheet HTML 93Page - STMicroelectronics STR91XFAX3X Datasheet HTML 94Page - STMicroelectronics STR91XFAX3X Datasheet HTML 95Page - STMicroelectronics STR91XFAX3X Datasheet HTML 96Page - STMicroelectronics STR91XFAX3X Datasheet HTML 97Page - STMicroelectronics STR91XFAX3X Datasheet HTML 98Page - STMicroelectronics STR91XFAX3X Datasheet HTML 99Page - STMicroelectronics STR91XFAX3X Datasheet HTML 100Page - STMicroelectronics STR91XFAX3X Datasheet HTML 101Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 97 / 101 page
background image
STR91xFAx3x, STR91xFAx4x
Package mechanical data
97/101
9.1
Soldering information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label (JEDEC 020C).
ECOPACK is an ST trademark. ECOPACK® specifications are available at www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More