Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST52F514YMM6 Fiches technique(PDF) 97 Page - STMicroelectronics

No de pièce ST52F514YMM6
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F514YMM6 Fiches technique(HTML) 97 Page - STMicroelectronics

Back Button ST52F514YMM6 Datasheet HTML 93Page - STMicroelectronics ST52F514YMM6 Datasheet HTML 94Page - STMicroelectronics ST52F514YMM6 Datasheet HTML 95Page - STMicroelectronics ST52F514YMM6 Datasheet HTML 96Page - STMicroelectronics ST52F514YMM6 Datasheet HTML 97Page - STMicroelectronics ST52F514YMM6 Datasheet HTML 98Page - STMicroelectronics ST52F514YMM6 Datasheet HTML 99Page - STMicroelectronics ST52F514YMM6 Datasheet HTML 100Page - STMicroelectronics ST52F514YMM6 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 106 page
background image
ST52F510/F513/F514
97/106
Figure 15.2 Serial Peripheral Interface Block Diagram
Procedure
– Select the SPR0, SPR1 and SPR2 bits to define
the serial clock baud rate (see SPI_CR register).
– Select the CPOL and CPHA bits to define one of
the four relationships between the data transfer
and the serial clock (see Figure 15.4).
–The SS pin must be connected to a high level
signal during the complete byte transmit se-
quence.
– The MSTR and SPE bits must be set (they re-
main set only if the SS pin is connected to a high
level signal).
In this configuration the MOSI pin is a data output
and to the MISO pin is a data input.
Transmit sequence
Transmit sequence begins when a byte is written in
the SPI_OUT register.
The data byte is loaded in parallel into the 8-bit shift
register (from the internal bus) during a write cycle
and then shifted out serially to the MOSI pin most
significant bit first.
When data transfer is complete:
– The SPIF bit is set by hardware
– An interrupt is generated if the SPIE bit is set.
During the last clock cycle the SPIF bit is set, a
copy of the data byte received in the shift register
is moved to a buffer. When the SPI_IN register is
read, the SPI peripheral returns this buffered
value. Clearing the SPIF bit is performed by the
following software sequence:
1. An access to the SPI_STATUS_CR register
while the SPIF bit is set
2. A read to the SPI_IN register.
Note: While the SPIF bit is set, all writes to the
SPI_OUT
register
are
inhibited
until
the
SPI_STATUS_CR register is read.
SPI_IN
Read Buffer
8-Bit Shift Register
Write
Read
Internal Bus
SPI
SPIE
SPE
MSTR
CPHA
SPR0
SPR1
CPOL
SPIF WCOL
MODF
SERIAL
CLOCK
GENERATOR
MOSI
MISO
SS
SCK
CONTROL
STATE
SPI_CR
SPI_STATUS_CR
-
IT
request
MASTER
CONTROL
SPR2
OR
SSI
SSM
SOD
SPI_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More