Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST52F513FMM6 Fiches technique(PDF) 64 Page - STMicroelectronics

No de pièce ST52F513FMM6
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F513FMM6 Fiches technique(HTML) 64 Page - STMicroelectronics

Back Button ST52F513FMM6 Datasheet HTML 60Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 61Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 62Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 63Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 64Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 65Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 66Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 67Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 106 page
background image
ST52F510/F513/F514
64/106
Notes:
regx, regy:
Register File Address
memx, memy:
Program/Data Memory Addresses
confx, confy:
Configuration Registers Addresses
outx:
Output Registers Addresses
inpx:
Input Registers Addresses
const:
Constant value
fuzzyx:
Fuzzy Input Registers
I
flag affected
-
flag not affected
(*) The instruction BLKSET determines the start of a 32 byte block writing in Flash or EEPROM Program/
Data Memory. During this phase (about 4 ms), the CPU is stopped to executing program instructions. The
duration of the BLKSET instruction can be identified with this time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More