Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST5451 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce ST5451
Description  ISDN HDLC AND GCI CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5451 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button ST5451 Datasheet HTML 8Page - STMicroelectronics ST5451 Datasheet HTML 9Page - STMicroelectronics ST5451 Datasheet HTML 10Page - STMicroelectronics ST5451 Datasheet HTML 11Page - STMicroelectronics ST5451 Datasheet HTML 12Page - STMicroelectronics ST5451 Datasheet HTML 13Page - STMicroelectronics ST5451 Datasheet HTML 14Page - STMicroelectronics ST5451 Datasheet HTML 15Page - STMicroelectronics ST5451 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
4 - WORKING PROCEDURES
4 - 1 - RECEIVE FRAME
Recognized frame (by means of SAPI and/or TEI
identification), having a minimum length is stored
in the RFIFO with all bytes between the opening
flag and CRC field.
When the frame is less than or equal to 32 bytes,
is transferred in one block, and just after the re-
ceiving completion interrupt (RME), a status byte
is appended at the end. The frame and its status
byte remain stored until
µP acknowledgement
(RMC).
When the frame is longer than 32 bytes, blocks of
32 bytes plus one remainder block of lenght 1 to
32 are transferred to the microprocessor. The re-
ceiving 32 byte block generates a RPF interrupt
and the data in RFIFO remains valid until
µPac-
knowledgement (RMC).
The
µP can ignore a received frame by meaning
RMD (Receive Memory Delete), reaction to RPF
or RME. The part of frame already stored is de-
leted and the remainder frame is ignored by the
HDLC Controller.
The last block of the frame generates the RME in-
terrupt.
RFBC register bits 0 to 4 indicate the number of
bytes currently stored in the RFIFO. Bits 5 to 7 in-
dicate the total number of 32 byte blocks already
received. Bits 5 to 7 do not overflow. When the
counter status 7 has been reached, it indicates a
frame length greater than 223 bytes (see Table
3).
RFBC register is valid only after the RME inter-
rupt and remains valid until
RMC acknow-
ledgement by
µP.
At each read access by the
µP, RFBC 5/7 bits re-
main unchanged, RFBC 0/4 bits are decreased to
reach value 0 when the whole block is read.
Interrupts are queued inside the device. They are
sent one by one to the microprocessor after each
acknowledgement RMC. If a frame is lost be-
cause the RFIFO was full, a RFO interrupt is gen-
erated.
Figure 1: Receiving of an HDCL frame
ST5451
12/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34