Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PSD413A1 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce PSD413A1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD413A1 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button PSD413A1 Datasheet HTML 17Page - STMicroelectronics PSD413A1 Datasheet HTML 18Page - STMicroelectronics PSD413A1 Datasheet HTML 19Page - STMicroelectronics PSD413A1 Datasheet HTML 20Page - STMicroelectronics PSD413A1 Datasheet HTML 21Page - STMicroelectronics PSD413A1 Datasheet HTML 22Page - STMicroelectronics PSD413A1 Datasheet HTML 23Page - STMicroelectronics PSD413A1 Datasheet HTML 24Page - STMicroelectronics PSD413A1 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 123 page
background image
PSD4XX Family
18
9.0
The PSD4XX
Architecture
(cont.)
9.1.1.5 The ZPLD Power Management
The ZPLD implements a Zero Power Mode, which provides considerable power savings
for low to medium frequency operations. To enable this feature, the ZPLD Turbo bit in the
Power Management Mode Register 0 (PMMR0) has to be turned off.
If none of the inputs to the ZPLD are switching for a time period of 90ns, the ZPLD puts
itself into Zero Power Mode and the current consumption is minimal. The ZPLD will
resume normal operation as soon as one or more of the inputs change state.
Two other features of the ZPLD provide additional power savings:
1. Clock Disable:
Users can disable the clock input to the ZPLD and/or macrocells,thereby reducing
AC power consumption.
2. Product Term Disable:
Unused product terms in the ZPLD are disabled by the PSDsoft Software
automatically for further power savings.
The ZPLD power configuration is described in the Power Management Unit section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More