| Moteur de recherche de fiches techniques de composants électroniques |
|
PSD413A1 Fiches technique(PDF) 113 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD413A1 Fiches technique(HTML) 113 Page - STMicroelectronics |
|
113 / 123 page ![]() Part # MCU PLDs/Decoders I/O Memory Other PSD ZPSD ZPSDV Data Path Inputs Ports EPROM SRAM Four 16-Bit Timer/Counters Interface Product Terms (w/BB) WatchDog (16-Bit) Input Micro ⇔Cells Inter. Contr. Output Micro ⇔Cells Periph. Mode Outputs Security Page APD Reg. PSD411A1 ZPSD411A1 ZPSD411A1V 8 PLUS1 37 113 8 16 X 40 256Kb 16Kb X X X PSD401A1 ZPSD401A1 ZPSD401A1V 16/8 PLUS1 37 113 8 16 X 40 256Kb 16Kb X X X ZPSD412A0 8 PLUS1 37 113 8 16 X 40 512Kb 16Kb X X X PSD412A1 ZPSD412A1 ZPSD412A1V 8 PLUS1 37 113 8 16 X 40 512Kb 16Kb X X X PSD402A1 ZPSD402A1 ZPSD402A1V 16/8 PLUS1 37 113 8 16 X 40 512Kb 16Kb X X X PSD413A1 ZPSD413A1 ZPSD413A1V 8 PLUS1 37 113 8 16 X 40 1024Kb 16Kb X X X PSD403A1 ZPSD403A1 ZPSD403A1V 16/8 PLUS1 37 113 8 16 X 40 1024Kb 16Kb X X X PSD411A2 ZPSD411A2 ZPSD411A2V 8 PLUS1 59 126 24 24 X 40 256Kb 16Kb X X X PSD401A2 ZPSD401A2 ZPSD401A2V 16/8 PLUS1 59 126 24 24 X 40 256Kb 16Kb X X X PSD412A2 ZPSD412A2 ZPSD412A2V 8 PLUS1 59 126 24 24 X 40 512Kb 16Kb X X X PSD402A2 ZPSD402A2 ZPSD402A2V 16/8 PLUS1 59 126 24 24 X 40 512Kb 16Kb X X X PSD413A2 ZPSD413A2 ZPSD413A2V 8 PLUS1 59 126 24 24 X 40 1024Kb 16Kb X X X PSD403A2 ZPSD403A2 ZPSD403A2V 16/8 PLUS1 59 126 24 24 X 40 1024Kb 16Kb X X X 20.1 PSD4XX Family – Selector Guide |