| Moteur de recherche de fiches techniques de composants électroniques |
|
ST52T400 Fiches technique(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST52T400 Fiches technique(HTML) 32 Page - STMicroelectronics |
|
32 / 94 page ![]() ST52T400/T440/E440/T441 32/94 Notes: | flag affected - flag not affected regx, regy: Register File addresses memx, memy: Program/Data Memory addresses confx, confy: Configuration Registers addresses outx: Output Registers addresses inpx: Input Registers addresses const: constant value fuzzyx: Fuzzy Input Register addr: Program instructions address Table 2.7 Control Instructions Set Control Instructions set Mnemonic Instruction Bytes Cycles Z S C FUZZY FUZZY 1 5 - - - NOP NOP 1 6 - - - WDTRFR WDTRFR 1 7 - - - WDTSLP WDTSLP 1 6 - - - Figure 2.12 Multiplication RAM 0 1 2 i j+1 j-1 j 255 253 254 REG. j REG. i LSB MSB X 16Bit Figure 2.13 Division RAM 0 1 2 i j+1 j-1 j 255 253 254 REG. j REG. j+1 REMAINDER QUOTIENT REG. i : i-1 i+1 |