| Moteur de recherche de fiches techniques de composants électroniques |
|
PSD411A2 Fiches technique(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD411A2 Fiches technique(HTML) 15 Page - STMicroelectronics |
|
15 / 123 page ![]() PSD4XX Family 12 Signal Name From PA0 – PA7 Port A inputs or Macrocell PA feedback PB0 – PB7 Port B inputs or Macrocell PB feedback PE0 – PE1 Port E inputs (signals ALE, PSEN/BHE) PGR0 – PGR3 Page Mode Register A8 – A15, A0, A1 MCU Address Lines RD/E/DS MCU bus signal WR/R_W MCU bus signal CLKIN Input Clock RESET Reset input CSI CSI input (ORed with power down from PMU) Table 3. ZPLD Input Signals 9.0 The PSD4XX Architecture (cont.) 9.1.1.1 The DPLD The DPLD is used for internal address decoding generating the following eight chip select signals: t ES0 – ES3 EPROM selects, block 0 to block 3 t RS0 SRAM block select t CSIOP I/O Decoder chip select t PSEL0 – PSEL1 Peripheral I/O mode select signals The I/O Decoder enabled by the CSIOP generates chip selects for on-chip registers or I/O ports based on address inputs A[7:0]. As shown in Figure 4, the DPLD consists of a large programmable AND ARRAY. There are a total of 37 inputs and 8 outputs. Each output consists of a single product term. Although the user can generate select signals from any of the inputs, the select signals are typically a function of the address and Page Register inputs. The select signals are defined by the user in the ABEL file (PSDabel). The address line inputs to the DPLD include A0, A1 and A8 – A15. If more address lines are needed, the user can bring in the lines through Port A to the DPLD. |