Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M95040-RBN6T/W Fiches technique(PDF) 33 Page - STMicroelectronics

No de pièce M95040-RBN6T/W
Description  4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95040-RBN6T/W Fiches technique(HTML) 33 Page - STMicroelectronics

Back Button M95040-RBN6T/W Datasheet HTML 29Page - STMicroelectronics M95040-RBN6T/W Datasheet HTML 30Page - STMicroelectronics M95040-RBN6T/W Datasheet HTML 31Page - STMicroelectronics M95040-RBN6T/W Datasheet HTML 32Page - STMicroelectronics M95040-RBN6T/W Datasheet HTML 33Page - STMicroelectronics M95040-RBN6T/W Datasheet HTML 34Page - STMicroelectronics M95040-RBN6T/W Datasheet HTML 35Page - STMicroelectronics M95040-RBN6T/W Datasheet HTML 36Page - STMicroelectronics M95040-RBN6T/W Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
33/37
M95040, M95020, M95010
Figure 20. SO8 narrow – 8 lead Plastic Small Outline, 150 mils body width, Package Outline
Note: Drawing is not to scale.
Table 24. SO8 narrow – 8 lead Plastic Small Outline, 150 mils body width, Package Mechanical Data
Symb.
mm
inches
Typ.
Min.
Max.
Typ.
Min.
Max.
A
1.35
1.75
0.053
0.069
A1
0.10
0.25
0.004
0.010
B
0.33
0.51
0.013
0.020
C
0.19
0.25
0.007
0.010
D
4.80
5.00
0.189
0.197
E
3.80
4.00
0.150
0.157
e1.27
–
–
0.050
––
H
5.80
6.20
0.228
0.244
h
0.25
0.50
0.010
0.020
L
0.40
0.90
0.016
0.035
α
0°
8°
0°
8°
N8
8
CP
0.10
0.004
SO-a
E
N
CP
B
e
A
D
C
L
A1
α
1
H
h x 45˚



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37