Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST25C01M1TR Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce ST25C01M1TR
Description  SERIAL 1K 128 x 8 EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25C01M1TR Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button ST25C01M1TR Datasheet HTML 7Page - STMicroelectronics ST25C01M1TR Datasheet HTML 8Page - STMicroelectronics ST25C01M1TR Datasheet HTML 9Page - STMicroelectronics ST25C01M1TR Datasheet HTML 10Page - STMicroelectronics ST25C01M1TR Datasheet HTML 11Page - STMicroelectronics ST25C01M1TR Datasheet HTML 12Page - STMicroelectronics ST25C01M1TR Datasheet HTML 13Page - STMicroelectronics ST25C01M1TR Datasheet HTML 14Page - STMicroelectronics ST25C01M1TR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
BYTE WRITE
DEV SEL
BYTE ADDR
DATA IN
WC
PAGE WRITE
DEV SEL
BYTE ADDR
DATA IN 1
WC
DATA IN 2
AI01161B
PAGE WRITE
(cont'd)
WC (cont'd)
DATA IN N
ACK
ACK
NO ACK
R/W
ACK
ACK
NO ACK
R/W
NO ACK
NO ACK
Figure 9. Write Modes Sequence with Write Control = 1 (ST24/25W01)
Sequential Read. This mode can be initiated with
either a Current Address Read or a Random Ad-
dress Read. However, in this case the master
DOES acknowledge the data byte output and the
memory continues to output the next byte in se-
quence. To terminate the stream of bytes, the
master must NOT acknowledge the last byte out-
put, but MUST generate a STOP condition. The
output data is from consecutive byte addresses,
with the internal byte address counter automat-
ically incremented after each byte output. After a
count of the last memory address, the address
counter will ’roll- over’ and the memory will continue
to output data.
Acknowledge in Read Mode. In all read modes
the ST24/25x01 wait for an acknowledge during the
9th bit time. If the master does not pull the SDA line
low during this time, the ST24/25x01 terminate the
data transfer and switches to a standby state.
11/16
ST24/25C01, ST24C01R, ST24/25W01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16