| Moteur de recherche de fiches techniques de composants électroniques |
|
CAT3604 Fiches technique(PDF) 11 Page - Catalyst Semiconductor |
|
|
|||||||||||||||||||||||||||||
CAT3604 Fiches technique(HTML) 11 Page - Catalyst Semiconductor |
|
11 / 12 page ![]() CAT3604 © Catalyst Semiconductor, Inc. 11 Doc. No. MD-5008 Rev. J Characteristics subject to change without notice EXAMPLE OF ORDERING INFORMATION1 Notes: (1) All packages are RoHS-compliant (Lead-free, Halogen-free). (2) The standard lead finish is NiPdAu. (3) The device used in the above example is a CAT3604HV4-GT2 (TQFN, NiPdAu Plated Finish, Tape & Reel, 2,000/Reel). (4) For additional package and temperature options, please contact your nearest Catalyst Semiconductor Sales office. Prefix Device # Suffix CAT 3604 HV4 – G T2 Product Number 3604 Tape & Reel T: Tape & Reel 2: 2,000/Reel Lead Finish G: NiPdAu Blank: Matte-Tin Package HV4: TQFN Optional Company ID For Product Top Mark Codes, click here: http://www.catsemi.com/techsupport/producttopmark.asp |