Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST40RA166XH1 Fiches technique(PDF) 52 Page - STMicroelectronics

No de pièce ST40RA166XH1
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA166XH1 Fiches technique(HTML) 52 Page - STMicroelectronics

Back Button ST40RA166XH1 Datasheet HTML 48Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 49Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 50Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 51Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 52Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 53Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 54Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 55Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 94 page
background image
ADCS 7260755H
STMicroelectronics
52/94
ST40RA
7 Electrical specifications
7.5
LMI interface (DDR-SDRAM) AC specifications
Figure 12: LMI DDR mode timings
Symbol
Parameter
Min
Max
Units
Note
tLCHLCH
LMI clock period
10
ns
tLCHLCL
LMI clock high time
0.45
tLCHLC
H
Table 27: LMI DDR-SDRAM AC timings
tLCLLAV
tLCHLCH
tLCHLCL
tLCLLCH
tLCHDQS
tLDWS
tLDWH
tDQSRH
tDQSRS
tDQSH
tDQSL
tLCHDQSR
tDQSRH
tDQSRS
tDQSH
tDQSL
tLDWS
tLDWH
tLCHDWZ
LCLKOUTA:B
LMIADDR/COM
NOTLCLKOUTA:B
LMIDATAREAD
DQSREAD
LMIDATAWRITE
DQSWRITE
tLCHDQSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94