Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MDT10P712 Fiches technique(PDF) 2 Page - Micon Design Technology Corporation

No de pièce MDT10P712
Description  8-bit micro-controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MDTIC [Micon Design Technology Corporation]
Site Internet  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT10P712 Fiches technique(HTML) 2 Page - Micon Design Technology Corporation

  MDT10P712 Datasheet HTML 1Page - Micon Design Technology Corporation MDT10P712 Datasheet HTML 2Page - Micon Design Technology Corporation MDT10P712 Datasheet HTML 3Page - Micon Design Technology Corporation MDT10P712 Datasheet HTML 4Page - Micon Design Technology Corporation MDT10P712 Datasheet HTML 5Page - Micon Design Technology Corporation MDT10P712 Datasheet HTML 6Page - Micon Design Technology Corporation MDT10P712 Datasheet HTML 7Page - Micon Design Technology Corporation MDT10P712 Datasheet HTML 8Page - Micon Design Technology Corporation MDT10P712 Datasheet HTML 9Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MDT10P712
This specification are subject to be changed without notice. Any latest information
please preview http;//www.mdtic.com.tw
P. 2
Preliminary 2007/8
Ver1.0
4. Pin Assignment
18-pin PDIP/SOP
PA2/AIC2 1
18
PA1/AIC1
PA3/AIC3/Vref 2
17
PA0/AIC0
PA4/RTCC 3
16
OSC1
/MCLR 4
15
OSC2
VSS 5
14
VDD
PB0/INT 6
13
PB7
PB1/T1OSO/T1CKI 7
12
PB6
PB2/T1OSI 8
11
PB5
PB3/CCP 9
10
PB4
20-pin SSOP
PA2/AIC2 1
20
PA1/AIC1
PA3/AIC3/Vref 2
19
PA0/AIC0
PA4/RTCC 3
18
OSC1
/MCLR 4
17
OSC2
VSS 5
16
VDD
VSS 6
15
VDD
PB0/INT 7
14
PB7
PB1/T1OSO/T1CKI 8
13
PB6
PB2/T1OSI 9
12
PB5
PB3/CCP 10
11
PB4
5. Pin Function Description
Pin Name
I/O
Function Description
PA0~PA3
I/O
Port A, TTL input level, Analog input channel.
PA4/RTCC
I/O
Real Time Clock/Counter, Schmitt Trigger input level.
Open drain output.
PB0~PB7
I/O
Port B, TTL input level, PB0: External Interrupt input.
PB4~PB7: Interrupt on pin change.
/MCLR
I
Master Clear, Schmitt Trigger input level.
OSC1/CLKIN
I
Oscillator Input, External clock input.
OSC2/CLKOUT
O
Oscillator Output, In RC mode, the CLKOUT pin has
1/4 frequency of CLKIN.
VDD
Power supply
VSS
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16