| Moteur de recherche de fiches techniques de composants électroniques |
|
BP4CL Fiches technique(PDF) 2 Page - Mini-Circuits |
|
|
|||||||||||||||||||||||||||||
BP4CL Fiches technique(HTML) 2 Page - Mini-Circuits |
|
2 / 2 page ![]() The Design Engineers Search Engine Provides Actual Data Instantly At: http://www.minicircuits.com In Stock... Immediate Delivery For Custom Versions Of Standard Models Consult Our Applications Dept. Mini-Circuits ® ® 133 SCP pin and coaxial connections see case style outline drawing PORT bf bg bv js kb lj ng ny SUM PORT 4 2 3 2 2 4 10 3 PORT 1 7 8 2 1 8 8 2 6 PORT 2 8 12 4 8 7 10 3 7 PORT 3 1 5 6 5 6 12 5 9 PORT 4 2 9 8 4 5 14 6 10 GND EXT. 3,5,6 All other pins 1,5,7 3,6,7 1,3,4 2,3,5,6,9,13 1,4,7,8,9 1,2,4,5,8 CASE GND 3,5,6 All other pins — — — — — — NOT USED — — — — — 1,7,11 — — DEMO BOARD — — TB-36 TB-231 TB-81(AD4PS) — — TB-238 (SCA-4-10) TB-215(JS4PS) TB-247 (SCA) 75 Ω TB-241 (SCA-4-20) u AD4PS-1 1-500 32 18 30 20 25 18 0.4 1.2 0.5 1.2 0.8 1.8 2 5 7 0.4 0.5 0.8 CJ725 kb 072 14.95 u BP4C 810-960 25 19 1.0 1.6 8 0.6 XX211 js 113 1.99 u BP4P 1710-1990 23 19 0.8 1.3 15 0.5 XX211 js 113 1.79 u SBD-4-25* 1800-2600 20 12 1.0 1.9 8 0.7 SM34 lj 9.95 1800-2000 18 12 0.9 1.4 6 0.4 2100-2200 21 15 0.9 1.4 6 0.4 2200-2400 22 15 1.0 1.6 7 0.6 2400-2500 22 16 1.0 1.8 7 0.7 NEW u SCA-4-10 5-1000 — — — — 5-400 30 20 0.7 1.3 5 0.8 DZ943 ny 124 6.95 400-600 25 17 0.8 1.5 6 0.7 600-1000 20 15 1.2 2.5 11 0.9 NEW un SCA-4-10-75 10-1000 10-400 30 22 1.2 2.3 6 1.2 DZ943 ny 133 6.95 400-750 25 18 1.5 2.2 9 0.9 750-1000 20 15 2.0 2.5 10 0.9 NEW un SCA-4-15-75 10-1500 10-40 19 14 0.5 1.3 8 0.8 DZ943 ny 133 7.95 40-1000 25 18 1.2 2.0 9 0.9 1000-1500 19 15 1.4 2.6 16 0.9 NEW u SCA-4-20 1000-2000 15 8 1.0 1.5 5 0.7 DZ944 ny 125 7.95 1500-1700 20 17 1.0 1.2 5 0.8 1700-2000 20 17 1.2 1.5 5 0.9 NEW u JS4PS-1W 5-1000 29 20 26 18 20 15 0.3 1.1 0.8 1.5 1.5 2.4 5 5 12 0.8 0.7 0.7 BK377 ng 091 14.95 u JS4PS-1 80-520 36 20 0.8 1.5 5 0.5 BJ360 kb 101 19.95 un JS4PS-1W-75 5-750 34 25 35 25 30 18 0.6 1.2 0.6 1.5 0.8 1.5 3 5 6 0.2 0.3 0.6 BJ360 kb 101 18.95 un JS4PS-9-75 50-860 25 16 0.6 1.9 5 0.8 BJ360 kb 101 20.95 SCP-4-1 1-400 32 23 26 18 21 17 0.4 1.2 0.6 1.2 1.0 1.5 1 4 9 0.2 0.3 0.5 YY101 bv 073 24.95 SCP-4-1W 10-650 34 28 23 18 21 15 0.7 1.0 0.9 1.5 1.1 1.9 3 7 12 0.2 0.4 0.7 YY101 bv 073 26.95 n SCP-4-1W-75 10-750 36 20 32 20 24 15 0.5 1.0 0.65 1.3 0.8 2.0 1.5 3 6 0.2 0.4 0.9 YY161 bv 27.95 SCP-4-4 800-1000 24 17 0.7 1.5 12 1.0 YY101 bv 073 21.95 n SCP-4-4-75 10-1000 36 20 32 18 24 14 0.5 1.0 0.65 1.3 0.8 2.0 3 6 12 0.2 0.4 0.9 YY161 bv 28.95 BP JS4PS (BJ360) G G ADPS ISOLATION dB INSERTION LOSS, dB Above 6dB PHASE UNBALANCE Degrees f L-fU MJ J J J J Max. L Max. U Max. AMPLITUDE UNBALANCE dB U Max. MJ J J J J Max. L Max. FREQ. RANGE MHz MODEL NO. MJ J J J J Typ. Min. L Typ. Min. U Typ. Min. L Typ. Max. MJ J J J J Typ. Max. U Typ. Max. C O N N E C T I O N CASE STYLE Qty. (10-49) Note B 1 to 2600 MHz Surface Mount t SBD Qty. (1-9) JS4PS (BK377) PRICE $ PCB Lay- out PL- SCA(DZ944) SCA(DZ943) L = low range [f L to 10 fL] M = mid range [10 f L to fU/2] U = upper range [f U/2 to fU] |