Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Z2SMB30B Fiches technique(PDF) 1 Page - TAITRON Components Incorporated

No de pièce Z2SMB30B
Description  2.0W Surface Mount Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAITRON [TAITRON Components Incorporated]
Site Internet  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

Z2SMB30B Fiches technique(HTML) 1 Page - TAITRON Components Incorporated

  Z2SMB30B Datasheet HTML 1Page - TAITRON Components Incorporated Z2SMB30B Datasheet HTML 2Page - TAITRON Components Incorporated Z2SMB30B Datasheet HTML 3Page - TAITRON Components Incorporated Z2SMB30B Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/AH 2008-06-16
Z2SMB6.8B – Z2SMB51B
2.0W Surface Mount Zener Diodes
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON (800)-824-8766 (661)-257-6060
Fax: (800)-TAITFAX (800)-824-8329 (661)-257-6415
Page 1 of 4
2.0W Surface Mount Zener Diodes
Features
• Low profile package
• Built-in strain relief
• Low inductance
• Complete voltage range 6.8 to 51V
• Typical ID less than 1.0µA above 11V
• High temperature soldering guaranteed: 260°C/10 seconds at terminals
• Low leakage current
• RoHS compliant
Mechanical Data
Case:
JEDEC SMB (DO-214AA), molded plastic over passivated junction
Epoxy:
Plastic package has UL flammability classification 94V-0
Terminals:
Solder plated, solderable per MIL-STD-750, Method 2026
Polarity:
Color band denotes cathode end
Weight:
0.003 ounce, 0.093 gram
Maximum Ratings (T
Ambient=25ºC unless noted otherwise)
Symbol
Description
Value
Unit
Conditions
Peak Pulse Power Dissipation on TA=50°C
2.0
W
Note
PD
Derate above 70°C
24
mW/° C
IFSM
Peak Forward Surge Current
15
A
8.3ms single half sine-
wave superimposed on
rated load (JEDEC
Method)
TJ,TSTG
Operating Junction and Storage
Temperature Range
-55 to 150
° C
Note: Mounted on 5.0mm² (.013mm thick) land areas.
SMB
(DO-214AA)


Numéro de pièce similaire - Z2SMB30B

FabricantNo de pièceFiches techniqueDescription
logo
Diotec Semiconductor
Z2SMB30 DIOTEC-Z2SMB30 Datasheet
120Kb / 2P
Surface mount Silicon-Zener Diodes (non-planar technology)
Z2SMB30 DIOTEC-Z2SMB30 Datasheet
97Kb / 2P
Surface Mount Silicon-Zener Diodes
logo
Semikron International
Z2SMB30 SEMIKRON-Z2SMB30 Datasheet
54Kb / 1P
Surface mount diode
Z2SMB30 SEMIKRON-Z2SMB30 Datasheet
182Kb / 3P
Zener silicon diodes
logo
Diotec Semiconductor
Z2SMB30 DIOTEC-Z2SMB30 Datasheet
93Kb / 2P
Surface Mount Silicon-Zener Diodes (non-planar technology)
More results

Description similaire - Z2SMB30B

FabricantNo de pièceFiches techniqueDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
Surface Mount Zener Diodes
logo
Won-Top Electronics
1SMA2EZ3.0D5 WTE-1SMA2EZ3.0D5 Datasheet
100Kb / 6P
2.0W SURFACE MOUNT ZENER DIODE
1SMA2EZ6.2D5 WTE-1SMA2EZ6.2D5 Datasheet
100Kb / 6P
2.0W SURFACE MOUNT ZENER DIODE
1SMA2EZ20D5 WTE-1SMA2EZ20D5 Datasheet
100Kb / 6P
2.0W SURFACE MOUNT ZENER DIODE
1SMA2EZ30D5 WTE-1SMA2EZ30D5 Datasheet
100Kb / 6P
2.0W SURFACE MOUNT ZENER DIODE
1SMA2EZ36D5 WTE-1SMA2EZ36D5 Datasheet
100Kb / 6P
2.0W SURFACE MOUNT ZENER DIODE
1SMA2EZ100D5 WTE-1SMA2EZ100D5 Datasheet
100Kb / 6P
2.0W SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com