Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STTH8R04DI Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce STTH8R04DI
Description  Ultrafast recovery diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8R04DI Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button STTH8R04DI Datasheet HTML 3Page - STMicroelectronics STTH8R04DI Datasheet HTML 4Page - STMicroelectronics STTH8R04DI Datasheet HTML 5Page - STMicroelectronics STTH8R04DI Datasheet HTML 6Page - STMicroelectronics STTH8R04DI Datasheet HTML 7Page - STMicroelectronics STTH8R04DI Datasheet HTML 8Page - STMicroelectronics STTH8R04DI Datasheet HTML 9Page - STMicroelectronics STTH8R04DI Datasheet HTML 10Page - STMicroelectronics STTH8R04DI Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Package information
STTH8R04
8/11
Table 7.
TO-220FPAC dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.4
4.6
0.173
0.181
B
2.5
2.7
0.098
0.106
D
2.5
2.75
0.098
0.108
E
0.45
0.70
0.018
0.027
F
0.75
1
0.030
0.039
F1
1.15
1.70
0.045
0.067
G
4.95
5.20
0.195
0.205
G1
2.4
2.7
0.094
0.106
H
10
10.4
0.393
0.409
L2
16 Typ.
0.63 Typ.
L3
28.6
30.6
1.126
1.205
L4
9.8
10.6
0.386
0.417
L5
2.9
3.6
0.114
0.142
L6
15.9
16.4
0.626
0.646
L7
9.00
9.30
0.354
0.366
Dia.
3.00
3.20
0.118
0.126
H
A
B
Dia
L7
L6
L5
F1
F
D
E
L4
G1
G
L2
L3



Html Pages

1 2 3 4 5 6 7 8 9 10 11