Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV6417 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce STV6417
Description  Audio/video switch and 6-channel SD video filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6417 Fiches technique(HTML) 4 Page - STMicroelectronics

  STV6417 Datasheet HTML 1Page - STMicroelectronics STV6417 Datasheet HTML 2Page - STMicroelectronics STV6417 Datasheet HTML 3Page - STMicroelectronics STV6417 Datasheet HTML 4Page - STMicroelectronics STV6417 Datasheet HTML 5Page - STMicroelectronics STV6417 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Application
STV6417
4/6
2
Application
Typical applications for the STV6417 are:
●
Full dual-SCART standard definition (SD) set-top boxes (free-to-air or operator)
●
Full dual-SCART high definition (HD) set-top boxes (free-to-air or operator)
●
DVD recorders
2.1
Ordering information
Table 1.
Ordering information
Part number
Packaging
STV6417AG
LQFP-48 7 × 7



Html Pages

1 2 3 4 5 6