Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6920DCTR Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce L6920DCTR
Description  Synchronous rectifier step up converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6920DCTR Fiches technique(HTML) 3 Page - STMicroelectronics

  L6920DCTR Datasheet HTML 1Page - STMicroelectronics L6920DCTR Datasheet HTML 2Page - STMicroelectronics L6920DCTR Datasheet HTML 3Page - STMicroelectronics L6920DCTR Datasheet HTML 4Page - STMicroelectronics L6920DCTR Datasheet HTML 5Page - STMicroelectronics L6920DCTR Datasheet HTML 6Page - STMicroelectronics L6920DCTR Datasheet HTML 7Page - STMicroelectronics L6920DCTR Datasheet HTML 8Page - STMicroelectronics L6920DCTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
L6920DC
Pin settings
3/16
1
Pin settings
1.1
Pin connection
Figure 1.
Pin connection (top view)
1.2
Pin description
Table 1. Pin description
N°
Type
Description
1
FB
Output voltage selector. Connect FB to GND for Vout=5V or to OUT for
Vout=3.3V. Connect FB to an external resistor divider for adjustable
output voltage
2
LBI
Battery low voltage detector input. The internal threshold is set to 1.23V.
A resistor divider is needed to adjust the desired low battery threshold.
3LBO
Battery low voltage detector output. If the voltage at the LBI pin drops
below the internal threshold typ. 1.23V, LBO goes low.
The LBO is an open drain output and so a pull-up resistor (about
200K
Ω) has to be added for correct output setting .
4
REF
1.23V reference voltage. Bypass this output to GND with a 100nF
capacitor for filtering high frequency noise. No capacitor is required for
stability
5
SHDN
Shutdown pin. When pin 5 is below 0.2V the device is in shutdown,
when pin 5 is above 0.6V the device is operating.
6
GND
Ground pin
7
LX
Step-up inductor connection
8
OUT
Power OUTPUT pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16