Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST20-JPI Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce ST20-JPI
Description  PC PARALLEL PORT TO JTAG INTERFACE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-JPI Fiches technique(HTML) 3 Page - STMicroelectronics

  ST20-JPI Datasheet HTML 1Page - STMicroelectronics ST20-JPI Datasheet HTML 2Page - STMicroelectronics ST20-JPI Datasheet HTML 3Page - STMicroelectronics ST20-JPI Datasheet HTML 4Page - STMicroelectronics ST20-JPI Datasheet HTML 5Page - STMicroelectronics ST20-JPI Datasheet HTML 6Page - STMicroelectronics ST20-JPI Datasheet HTML 7Page - STMicroelectronics ST20-JPI Datasheet HTML 8Page - STMicroelectronics ST20-JPI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ST20-JPI
3/10
®
1
Introduction
The ST20-JPI parallel port to JTAG interface is a host interface to allow connection from a PC
parallel port to any JTAG based ST20 development board. The interface plugs into any standard
PC 25 way D-type parallel port. Supported parallel port modes are:
•
Nibble mode
•
Byte mode
•
EPP mode
depending on which mode the host PC can support. Connection to the development target is via a
JTAG connector. Once connected, the development target can be accessed using the MS Windows
drivers supplied with the standard ST20 toolset.



Html Pages

1 2 3 4 5 6 7 8 9 10