Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

66725 Fiches technique(PDF) 1 Page - OSRAM GmbH

No de pièce 66725
Description  HALOPIN
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

66725 Fiches technique(HTML) 1 Page - OSRAM GmbH

  66725 Datasheet HTML 1Page - OSRAM GmbH 66725 Datasheet HTML 2Page - OSRAM GmbH 66725 Datasheet HTML 3Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Technical Information
The smallest mains voltage halogen lamp of OSRAM
HALOPIN
UV
Filter
Characteristics:
• Most compact mains voltage halogen
lamp
• New base / lampholder system G9
• With innovative bulb-pinch technology
• With integral safety fuse, meets the safety
requirements of IEC 60432-2
• Approved to IEC 60598-1 for use in open
luminaires
• Burner with UV-Filter glass
Meets the most stringent UV-protection
thresholds (NIOSH).
Reduced UV bleaching
• 2000h average life time
• Clear and frosted version 230V u. 240V
Range:
Order code
Wattage*
Luminous flux**
Energy Label
Average life**
ILCOS-code
66725
25W
260lm
D
2000h
HSGST/C/UB-25-230-G9-22
66725AM
25W
230lm
E
2000h
HSGST/F/UB-25-230-G9-22
66740
40W
490lm
D
2000h
HSGST/C/UB-40-230-G9-22
66740AM
40W
460lm
E
2000h
HSGST/F/UB-40-230-G9-22
66660
60W
820lm
D
2000h
HSGST/C/UB-60-230-G9-26,5
66660AM
60W
790lm
D
2000h
HSGST/F/UB-60-230-G9-26,5
66675
75W
1100lm
D
2000h
HSGST/C/UB-75-230-G9-26,5
66675AM
75W
1050lm
D
2000h
HSGST/F/UB-75-230-G9-26,5
*Maximum power consumption is nominal value + 8% acc. to IEC 60357
**may vary according to tolerances specified in IEC 60357
HAL M-M, Edition 6/04
1/3
Subject to alteration


Numéro de pièce similaire - 66725

FabricantNo de pièceFiches techniqueDescription
logo
OSRAM GmbH
66725 OSRAM-66725 Datasheet
87Kb / 1P
The smallest mains voltage halogen lamp of OSRAM HALOPIN®
January 2010
66725 OSRAM-66725 Datasheet
44Kb / 3P
HALOPIN COMPACT
03/03
66725AM OSRAM-66725AM Datasheet
44Kb / 3P
HALOPIN COMPACT
03/03
66725 OSRAM-66725_V01 Datasheet
44Kb / 3P
HALOPIN COMPACT
03/03
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com