Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GL55 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce GL55
Description  Photoresistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

GL55 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  GL55 Datasheet HTML 1Page - List of Unclassifed Manufacturers GL55 Datasheet HTML 2Page - List of Unclassifed Manufacturers GL55 Datasheet HTML 3Page - List of Unclassifed Manufacturers GL55 Datasheet HTML 4Page - List of Unclassifed Manufacturers GL55 Datasheet HTML 5Page - List of Unclassifed Manufacturers GL55 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
GL55 Series
CdS Photoresistor Manual
________________________________________________________________________________________________________
Page 1 of 6
SENBA OPTICAL & ELECTRONIC CO.,LTD.
GL55 Series Photoresistor
Photoresistor is a resistor which made of semi-conductor material,and the conductance changes
with luminance variation .The photoresistor can be manufactured with different figures and illuminated
area based on this characteristic.Photoresistor is widely used in many industries, such as
toys,lamps,camera,etc.
Schematic Drawing
Performances and Features
Coated with epoxy
Good reliability
Small volume
High sensitivity
Fast response
Good spectrum characteristic
Typical Applications
Camera automatic photometry
Photoelectric control
Indoor ray control
Annunciator
Industrial control
Light control switch
Light control lamp
Electronic toy
Types and Specifications
Specification
Type
Max.
Voltage
Max.
power
Environmental
temp.
Spectrum
peak value
GL5516
150
90
-30~+70
540
GL5528
150
100
-30~+70
540
GL5537-1
150
100
-30~+70
540
GL5537-2
150
100
-30~+70
540
GL5539
150
100
-30~+70
540
Φ
5
series
GL5549
150
100
-30~+70
540


Numéro de pièce similaire - GL55

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
GL55 ETC2-GL55 Datasheet
283Kb / 5P
Photoresistor
logo
Sharp Corporation
GL550 SHARP-GL550 Datasheet
38Kb / 4P
High Speed Infrared Emitting Diode
GL551 SHARP-GL551 Datasheet
38Kb / 4P
High Speed Infrared Emitting Diode
logo
List of Unclassifed Man...
GL5516 ETC2-GL5516 Datasheet
283Kb / 5P
Photoresistor
GL5528 ETC2-GL5528 Datasheet
283Kb / 5P
Photoresistor
More results

Description similaire - GL55

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
GL55 ETC2-GL55 Datasheet
283Kb / 5P
Photoresistor
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com