Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CM201212-R12KL Fiches technique(PDF) 1 Page - Bourns Electronic Solutions

No de pièce CM201212-R12KL
Description  CM45, CM32, CM25, CM20, CM16, CM10 SMT Chip Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CM201212-R12KL Fiches technique(HTML) 1 Page - Bourns Electronic Solutions

  CM201212-R12KL Datasheet HTML 1Page - Bourns Electronic Solutions CM201212-R12KL Datasheet HTML 2Page - Bourns Electronic Solutions CM201212-R12KL Datasheet HTML 3Page - Bourns Electronic Solutions CM201212-R12KL Datasheet HTML 4Page - Bourns Electronic Solutions CM201212-R12KL Datasheet HTML 5Page - Bourns Electronic Solutions CM201212-R12KL Datasheet HTML 6Page - Bourns Electronic Solutions CM201212-R12KL Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice. • Customers should verify actual device performance in their specific applications.
CM45, CM32, CM25, CM20, CM16, CM10 SMT Chip Inductors
Features
■
High resistance to heat and humidity
■
Resistance to mechanical shock and
pressure
■
Accurate dimensions for automatic
surface mounting
■
Wide inductance range (1.0 nH to 1000 uH)
■
Lead free
Applications
■
Mobil phones
■
Cellular phones
■
CTV, VCR, HIC, FDD
Recommended Land Pattern Dimensions
0.2 ± 0.1
(.008 ± .004)
0.3 ± 0.15
(.012 ± .006)
1.0 ± 0.1
(.040 ± .004)
0.5 ± 0.1
(.020 ± .004)
CM10:
0.80 ± 0.15
(.032 ± .006)
CM16:
0.5 ± 0.1
(.020 ± .004)
CM10:
CM10:
CM10:
CM16:
0.2 ± 0.1
(.008 ± .004)
0.3 ± 0.15
(.012 ± .006)
CM10:
CM16:
1.6 ± 0.15
(.063 ± .006)
CM16:
0.80 ± 0.15
(.032 ± .006)
CM16:
1.27 ± 0.30
(.050 ± .012)
1.27 ± 0.20
(.050 ± .008)
2.0 + 0.30 - 0.20
(.079 + .012 - .008)
1.20
(.047)
1.00 ± 0.10
(. 039 ± .004)
2.5
(.10)
2.0
(.079)
1.2
(.047)
1.6
(.063)
0.4
(.016)
Marking
3.2
(.126)
2.5
(.079)
1.9
(.075)
2.2
(.086)
0.6
(.024)
Marking
4.5
(.177)
3.2
(.125)
Marking
1.2
(.047)
1.7 ± 0.2
(.066 ± .008)
3.2 ± 0.2
(.125 ± .008)
1.0
(.039)
1.0
(.039)
CM100505, CM160808
CM201212
CM252016
CM322522
CM453232
Model
a
b
c
CM10
0.5 to 0.6 (.019 to .023)
1.5 to 1.7 (.059 to .067)
0.5 to 0.6 (.019 to .023)
CM16
0.8 to 1.0 (.032 to .039)
2.0 to 2.6 (.079 to .102)
0.7 to 0.9 (.028 to .035)
CM20
1.0 to 1.2 (.039 to .047)
3.0 to 3.8 (.118 to .150)
0.9 to 1.3 (.028 to .051)
CM25
1.4 to 1.5 (.055 to .059)
3.5 to 4.0 (.138 to .157)
1.2 to 1.6 (.047 to .063)
CM32
1.6 to 2.0 (.063 to .079)
4.0 to 4.6 (.157 to .181)
1.9 to 2.4 (.075 to .094)
CM45
2.4 to 2.6 (.094 to .102)
5.5 to 6.0 (.217 to .236)
2.0 to 3.0 (.079 to .118)
a
c
b
DIMENSIONS ARE:
MM
(INCHES)
General Specifications
Temperature Rise ......................................................................................................................................................................................................20 ˚C max.
Ambient Temperature............................................................................................................................................................................................... 80 ˚C max.
Operating Temperature...................................................................................................................................................................................-20 °C to +100 °C
Storage Temperature.....................................................................................................................................................................................-40 °C to +100 °C
Resistance to Soldering Heat
CM10, CM16, CM20, CM25, CM32 ..........................................................................................................................................................260 ˚C, 5 seconds
CM45..........................................................................................................................................................................................................245 ˚C, 5 seconds
Materials
Core Material
CM10, CM16 ................................................................................................................................................................................................Alumina Ceramic
CM20 ............................................................................................................................................................................................Polymer 10 nH to 1000 nH
CM25 ..............................................................................................................................................................................................Polymer 10 nH to 180 nH
CM32 ..............................................................................................................................................................................................Polymer 47 nH to 180 nH
Ferrite Core
CM25 ..........................................................................................................................................................................................................220 nH to 100 uH
CM32 ........................................................................................................................................................................................................................220 nH +
CM45 ...................................................................................................................................................................................................................................All
Coil Type
CM10, CM16 ...................................................................................................................................................................................................Copper plating
CM20, CM25, CM32, CM45 ................................................................................................................................................................................Copper wire
Enclosure
CM10, CM16 ..................................................................................................................................................................................................................Resin
CM20, CM25, CM32, CM45.................................................................................................................................................................................Epoxy resin
Terminal
CM10, CM16, CM20, CM25, CM32, CM45........................................................................................................................................................................Sn
Product Dimensions


Numéro de pièce similaire - CM201212-R12KL

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
CM201212-R12K BOURNS-CM201212-R12K Datasheet
419Kb / 7P
SMT Chip Inductors
More results

Description similaire - CM201212-R12KL

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
CM45 BOURNS-CM45 Datasheet
419Kb / 7P
SMT Chip Inductors
PM1210 BOURNS-PM1210 Datasheet
267Kb / 4P
SMT Chip Inductors
CM322522-1R0KL BOURNS-CM322522-1R0KL Datasheet
372Kb / 9P
CM45, CM32, CM25, CM20, CM16, CM10 SMT Chip Inductors
CM45 BOURNS-CM45_11 Datasheet
449Kb / 9P
SMT Chip Inductors
PM1210-1R0J-RC BOURNS-PM1210-1R0J-RC Datasheet
263Kb / 4P
SMT Chip Inductors
CM453232-R10KL BOURNS-CM453232-R10KL Datasheet
269Kb / 3P
SMT Chip Inductors
logo
Sumida Corporation
5408 SUMIDA-5408 Datasheet
1Mb / 8P
SMT Chip Inductors
5406 SUMIDA-5406 Datasheet
1Mb / 8P
SMT Chip Inductors
5403 SUMIDA-5403 Datasheet
1Mb / 8P
SMT Chip Inductors
5309 SUMIDA-5309 Datasheet
1Mb / 10P
SMT Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com