Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST18952 Fiches technique(PDF) 57 Page - STMicroelectronics

No de pièce ST18952
Description  DIGITAL SIGNAL PROCESSOR DSP CHIP
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18952 Fiches technique(HTML) 57 Page - STMicroelectronics

Back Button ST18952 Datasheet HTML 53Page - STMicroelectronics ST18952 Datasheet HTML 54Page - STMicroelectronics ST18952 Datasheet HTML 55Page - STMicroelectronics ST18952 Datasheet HTML 56Page - STMicroelectronics ST18952 Datasheet HTML 57Page - STMicroelectronics ST18952 Datasheet HTML 58Page - STMicroelectronics ST18952 Datasheet HTML 59Page - STMicroelectronics ST18952 Datasheet HTML 60Page - STMicroelectronics ST18952 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 67 page
background image
57/66
ST18952
16
Y SPACE Memory Mapping
16.1 Memory map
Figure 16.1
ST18952 memory map
16.2 Serial input/output registers
Table 16.1
SIO1 registers
RESERVED
FFFF-FFD3
External Y memory space
FFD2-3000
Internal Y dual port RAM
21FF-2000
Internal Y RAM
1FFF-1000
RESERVED
00FF-00F1
Serial input/output1
00F0-00E0
RESERVED
00DF-0071
Serial input/output 0
0070-0060
Timer1
005F-005C
Timer0
005B-0058
RESERVED
0057-0056
Bus switch unit
0055-0050
RESERVED
004F-004C
System control
004B-0048
RESERVED
0047-0043
DMA controller
0042-0030
RESERVED
002F-002D
Interrupt controller
002C-0020
RESERVED
001F-0019
Emulator peripheral
0018-0010
RESERVED
000F-0008
D950Core
0007-0000
Address (Hex)
Register
Description
00F1-00FF
reserved
00F0
SCOR
SIO control register
00EF
SRB3
SIO receive buffer
00EE
SRB2
SIO receive buffer
00ED
SRB1
SIO receive buffer
00EC
SRB0
SIO receive buffer
00EB
STB3
SIO transmit buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67