| Moteur de recherche de fiches techniques de composants électroniques |
|
CRA2512-FZ-R025ELF... Fiches technique(PDF) 2 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
CRA2512-FZ-R025ELF... Fiches technique(HTML) 2 Page - Bourns Electronic Solutions |
|
2 / 2 page ![]() CRA 2512 - F Z - R020 E LF Model (CRA = Precision Chip Resistor Size 2512 = 2512 Size Resistance Tolerance • F = ±1 % • J = ±5 % TCR (PPM/°C) • Z = ±50 PPM/°C Resistance Value “R” (decimal point) followed by three significant digits (example: R025 = 0.025 ohm) Packaging • E = 4000 pieces on 180 mm (7 inch) reel Termination • LF = Tin-plated (RoHS compliant) How to Order Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. CRA2512 - High Power Current Sense Chip Resistor Packaging Dimensions (Conforms to EIA RS-481A) REV. 01/17 3.60 ± 0.20 (0.142 ± 0.008) 2.0 ± 0.05 (0.079 ± 0.002) 4.0 ± 0.05 (0.157 ± 0.002) 4.0 ± 0.1 (0.157 ± 0.004) 1.5 +0.1/-0 (0.059 +0.004/-0) DIA. 1.5 (0.059) DIA. MIN. 1.2 ± 0.15 (0.047 ± 0.006) 6.9 ± 0.2 (0.272 ± 0.008) 5.5 ± 0.05 (0.217 ± 0.002) 1.75 ± 0.1 (0.069 ± 0.004) 12.0 ± 0.2 (0.472 ± 0.008) TOP TAPE EMBOSSED TAPE RESISTOR USER DIRECTION OF FEED 60.0 (2.362) MIN. DIA. DIA. 180 +0/-3 (7.09 +0/-0.118) 13.0 ± 1.0 (0.512 ± 0.039) DIA. 15.4 ± 2.0 (0.606 ± 0.079) 13.0 ± 1.0 (0.512 ± 0.039) 3.60 ± 0.20 (0.142 ± 0.008) 2.0 ± 0.05 (0.079 ± 0.002) 4.0 ± 0.05 (0.157 ± 0.002) 4.0 ± 0.1 (0.157 ± 0.004) 1.5 +0.1/-0 (0.059 +0.004/-0) DIA. 1.5 (0.059) DIA. MIN. 1.2 ± 0.15 (0.047 ± 0.006) 6.9 ± 0.2 (0.272 ± 0.008) 5.5 ± 0.05 (0.217 ± 0.002) 1.75 ± 0.1 (0.069 ± 0.004) 12.0 ± 0.2 (0.472 ± 0.008) TOP TAPE EMBOSSED TAPE RESISTOR USER DIRECTION OF FEED 60.0 (2.362) MIN. DIA. DIA. 180 +0/-3 (7.09 +0/-0.118) 13.0 ± 1.0 (0.512 ± 0.039) DIA. 15.4 ± 2.0 (0.606 ± 0.079) 13.0 ± 1.0 (0.512 ± 0.039) CRA2512 Resistance Values Available Code R Value Code R Value R010 0.010 R050 0.050 R015 0.015 R060 0.060 R020 0.020 R070 0.070 R025 0.025 R075 0.075 R030 0.030 R080 0.080 R040 0.040 R100 0.100 Consult factory for other resistance values. DIMENSIONS: MM (INCHES) 25 75 125 175 225 275 050 100 150 200 250 300 Time (seconds) 60 - 120 seconds 90 - 150 seconds 260 °C peak 190 °C 150 °C 220 °C Ramp Down 6 °C/second 255 °C Maximum of 20 seconds between +255 °C and +260 °C Ramp Up 3 °C/second maximum 10 seconds minimum <1> <1> Soldering Profile Ambient Temperature (°C) 70 170 100 -55 Derating Curve Can be soldered in accordance with IPC/JEDEC-J-STD-020. |